Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA020-060-00-16 Fiches technique(PDF) 2 Page - Transcom, Inc.

No de pièce TA020-060-00-16
Description  2 - 6 GHz 16 dBm Limiting Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCOM [Transcom, Inc.]
Site Internet  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA020-060-00-16 Fiches technique(HTML) 2 Page - Transcom, Inc.

  TA020-060-00-16 Datasheet HTML 1Page - Transcom, Inc. TA020-060-00-16 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TA020-060-00-16
REV3_20090219
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County
Taiwan,Web-Site: www.transcominc.com.twPhone: 886-6-5050086
Fax: 886-6-5051602
P2/2
CASE
“A” DIM
“B” DIM
“C” DIM
“D” DIM
HO 3
1.116
0.976
0.430
0.680
HO 4
1.359
1.220
0.680
1.130
HO 5
1.602
1.462
0.680
1.130
HO 6
1.845
1.705
0.920
1.370
HO 7
2.088
1.948
0.920
1.370
HO 8
2.331
2.190
1.170
1.510
HO 9
2.574
2.434
1.410
1.860


Numéro de pièce similaire - TA020-060-00-16

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TA020-060-11-10 TRANSCOM-TA020-060-11-10 Datasheet
72Kb / 2P
   2 ~ 6GHz 10dBm Low Noise Amplifier
TA020-060-12-23 TRANSCOM-TA020-060-12-23 Datasheet
63Kb / 2P
   2 ~ 6 GHz 12dB Gain 23dBm Power Amplifier
TA020-060-20-27 TRANSCOM-TA020-060-20-27 Datasheet
63Kb / 2P
   2 ~ 6 GHz 22dB Gain 27dBm Power Amplifier
TA020-060-22-13 TRANSCOM-TA020-060-22-13 Datasheet
63Kb / 2P
   2 ~ 6GHz 22dB Gain 13dBm Power Amplifier
TA020-060-24-21 TRANSCOM-TA020-060-24-21 Datasheet
63Kb / 2P
   2 ~ 6GHz 24dB Gain 21dBm Power Amplifier
More results

Description similaire - TA020-060-00-16

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TA020-180-28-16 TRANSCOM-TA020-180-28-16 Datasheet
17Kb / 1P
   2 -18 GHz 16 dBm Amplifier
TA020-060-36-34 TRANSCOM-TA020-060-36-34 Datasheet
18Kb / 1P
   2 - 6 GHz 33 dBm Amplifier
logo
Analog Devices
HMC7885 AD-HMC7885 Datasheet
304Kb / 11P
   2 GHz to 6 GHz, 45 dBm Power Amplifier
logo
Eudyna Devices Inc
F0321818M EUDYNA-F0321818M Datasheet
479Kb / 10P
   2 GHz Bandwidth Limiting Amplifier
F0321818B EUDYNA-F0321818B Datasheet
500Kb / 11P
   2 GHz Bandwidth Limiting Amplifier
logo
Transcom, Inc.
TA010-180-30-15 TRANSCOM-TA010-180-30-15 Datasheet
31Kb / 1P
   1 - 18 GHz 16 dBm Amplifier
logo
Eudyna Devices Inc
F0321818Q EUDYNA-F0321818Q Datasheet
118Kb / 11P
   2 GHz Bandwidth Limiting Amplifier
logo
Transcom, Inc.
TA160-180-25-27 TRANSCOM-TA160-180-25-27 Datasheet
18Kb / 1P
   16 - 18 GHz 27 dBm Amplifier
TA060-180-30-28 TRANSCOM-TA060-180-30-28 Datasheet
31Kb / 1P
   6 - 18 GHz 28 dBm Amplifier
TA125-160-37-25 TRANSCOM-TA125-160-37-25 Datasheet
17Kb / 1P
   12.5 - 16 GHz 25 dBm Amplifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com