Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM59D04G2 Fiches technique(PDF) 6 Page - SyncMOS Technologies,Inc

No de pièce SM59D04G2
Description  8-Bits Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNCMOS [SyncMOS Technologies,Inc]
Site Internet  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59D04G2 Fiches technique(HTML) 6 Page - SyncMOS Technologies,Inc

Back Button SM59D04G2 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM59D04G2 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM59D04G2 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM59D04G2 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59D04G2 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59D04G2 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59D04G2 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59D04G2 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59D04G2 Datasheet HTML 10Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
SM59D04G2
8-Bits Micro-controller
16KB+ ISP Flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M031
6
Ver.C SM59D04G2 07/2009
Pin Description
40L
PDIP
Pin#
44L
QFP
Pin#
44L
PLCC
Pin#
Symbol
I/O
Names
1
40
2
P10/T2/EEI0/ICP_CLK
i/o
Bit 0 of port 1 & Timer 2 external input clock & EEI interrupt 0 & ICP clock input
2
41
3
P11/T2EX/EEI1/ICP_TRIG
i/o
Bit 1 of port 1 & Timer 2 capture trigger & EEI interrupt 1 & ICP Trigger (active low)
3
42
4
P12/CCCI/EEI2
/ICP_DATA
i/o
Bit 2 of port 1 & PCA External clock input & EEI interrupt 2 & ICP data/command IO
4
43
5
P13/CC0/EEI3
i/o
Bit 3 of port 1 & PCA Channel 0 & EEI interrupt 3
5
44
6
P14/CC1/EEI4
i/o
Bit 4 of port 1 & PCA Channel 1 & EEI interrupt 4
6
1
7
P15/CC2/EEI5
i/o
Bit 5 of port 1 & PCA Channel 2 & EEI interrupt 5
7
2
8
P16/CC3/EEI6
i/o
Bit 6 of port 1 & PCA Channel 3 & EEI interrupt 6
8
3
9
P17/CC4/EEI7
i/o
Bit 7 of port 1 & PCA Channel 4 & EEI interrupt 7
9
4
10
RESET
i
Hardware reset input (active high)
10
5
11
P30/RXD
i/o
Bit 0 of port 3 & Serial interface channel receive/transmit data
11
7
13
P31/TXD
i/o
Bit 1 of port 3 & Serial interface channel transmit data or receive clock in mode 0
12
8
14
P32/INT0
i/o
Bit 2 of port 3 & External interrupt 0 (low or falling-edge trigger)
13
9
15
P33/INT1
i/o
Bit 3 of port 3 & External interrupt 1 (low or falling-edge trigger)
14
10
16
P34/T0
i/o
Bit 4 of port 3 & Timer 0 external input
15
11
17
P35/T1
i/o
Bit 5 of port 3 & Timer 1 external input
16
12
18
P36/WR
i/o
Bit 6 of port 3 & external memory write signal
17
13
19
P37/RD
i/o
Bit 7 of port 3 & external memory read signal
18
14
20
XTAL2
o
Crystal output or oscillator input
19
15
21
XTAL1
i
Crystal input
20
16
22
VSS
Ground
21
18
24
P20/A8
i/o
Bit 0 of port 2 & Bit 8 of external memory address
22
19
25
P21/A9
i/o
Bit 1 of port 2 & Bit 9 of external memory address
23
20
26
P22/A10
i/o
Bit 2 of port 2 & Bit 10 of external memory address
24
21
27
P23/A11
i/o
Bit 3 of port 2 & Bit 11 of external memory address
25
22
28
P24/A12
i/o
Bit 4 of port 2 & Bit 12 of external memory address
26
23
29
P25/A13
i/o
Bit 5 of port 2 & Bit 13 of external memory address
27
24
30
P26/A14
i/o
Bit 6 of port 2 & Bit 14 of external memory address
28
25
31
P27/A15
i/o
Bit 7 of port 2 & Bit 15 of external memory address
29
26
32
PSEN/ Clk_out
o
Program storage enable (active low) & crystal/oscillator clock output as the
clock source for the others
30
27
33
ALE
o
Address latch enable
31
29
35
EA
I
External access with internal pull-up (active low)
32
30
36
P07/AD7
i/o
Bit 7 of port 0 & Bit 7 of external memory address/data
33
31
37
P06/AD6
i/o
Bit 6 of port 0 & Bit 6 of external memory address/data
34
32
38
P05/AD5
i/o
Bit 5 of port 0 & Bit 5 of external memory address/data
35
33
39
P04/AD4
i/o
Bit 4 of port 0 & Bit 4 of external memory address/data
36
34
40
P03/AD3
i/o
Bit 3 of port 0 & Bit 3 of external memory address/data
37
35
41
P02/AD2
i/o
Bit 2 of port 0 & Bit 2 of external memory address/data
38
36
42
P01/AD1
i/o
Bit 1 of port 0 & Bit 1 of external memory address/data
39
37
43
P00/AD0
i/o
Bit 0 of port 0 & Bit 0 of external memory address/data
40
38
44
VDD
Power supply
17
23
P40
i/o
Bit 0 of port 4
28
34
P41
i/o
Bit 1 of port 4
39
1
P42
i/o
Bit 2 of port 4
6
12
P43
i/o
Bit 3 of port 4


Numéro de pièce similaire - SM59D04G2

FabricantNo de pièceFiches techniqueDescription
logo
SyncMOS Technologies,In...
SM59D03G2 SYNCMOS-SM59D03G2 Datasheet
986Kb / 67P
   8-Bits Micro-controller
More results

Description similaire - SM59D04G2

FabricantNo de pièceFiches techniqueDescription
logo
SyncMOS Technologies,In...
SM59D03G2 SYNCMOS-SM59D03G2 Datasheet
986Kb / 67P
   8-Bits Micro-controller
SM8951B SYNCMOS-SM8951B Datasheet
215Kb / 18P
   8-Bits Micro-controller
SM59128 SYNCMOS-SM59128 Datasheet
600Kb / 32P
   8-Bits Micro-controller
SM59364 SYNCMOS-SM59364 Datasheet
787Kb / 19P
   8-Bits Micro-controller
logo
Feeling Technology Corp...
FM8PC71HM FEELING-FM8PC71HM Datasheet
605Kb / 76P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
logo
Feeling Technology Corp...
FM8PC71AM FEELING-FM8PC71AM Datasheet
582Kb / 73P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com