Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSBH0170A Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FSBH0170A
Description  Green Mode Fairchild Power Switch (FPS??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0170A Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FSBH0170A Datasheet HTML 6Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 7Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 8Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 9Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 10Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 11Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 12Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 13Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.1
10
Typical Characteristics (Continued)
97.5
98.0
98.5
99.0
99.5
100.0
100.5
101.0
101.5
-40
-25
-10
5
2035506580
95
110
125
Temperature(°C)
18.6
18.7
18.8
18.9
19.0
19.1
19.2
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
Figure 14.
fOSC vs. Temperature
Figure 15.
fOSC-G vs. Temperature
0.58
0.59
0.60
0.61
0.62
0.63
0.64
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
1.11
1.12
1.13
1.14
1.15
1.16
1.17
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
Figure 16.
VIN-OFF vs. Temperature
Figure 17.
VIN-ON vs. Temperature
4.57
4.58
4.59
4.60
4.61
4.62
4.63
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
0.28
0.29
0.30
0.31
0.32
0.33
0.34
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
Figure 18.
VIN-H vs. Temperature
Figure 19.
VIN-L vs. Temperature
4.35
4.40
4.45
4.50
4.55
4.60
4.65
4.70
4.75
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
2.30
2.35
2.40
2.45
2.50
2.55
2.60
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
Figure 20.
VFB-OLP vs. Temperature
Figure 21.
VFB-N vs. Temperature


Numéro de pièce similaire - FSBH0170A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSBH0170A FAIRCHILD-FSBH0170A Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0170ANY FAIRCHILD-FSBH0170ANY Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results

Description similaire - FSBH0170A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com