Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSBH0170A Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FSBH0170A
Description  Green Mode Fairchild Power Switch (FPS??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0170A Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button FSBH0170A Datasheet HTML 2Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 3Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 4Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 5Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 6Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 7Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 8Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 9Page - Fairchild Semiconductor FSBH0170A Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.1
6
Electrical Characteristics
VDD=15V and TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
SenseFET Section
(9)
BVDSS
Drain-Source
Breakdown Voltage
FSBH0x70/A
VDS = 700V, VGS = 0V
700
V
VDS = 700V, VGS = 0V
50
IDSS
Zero-Gate-Voltage
Drain Current
FSBH0x70/A
VDS = 560V, VGS = 0V,
TC = 125°C
200
μA
FSBH0F70A
14.00
19.00
FSBH0170/A
8.80
11.00
FSBH0270/A
6.00
7.20
RDS(ON)
Drain-Source On-
State Resistance
(10)
FSBH0370
VGS = 10V, ID = 0.5A
4.00
4.75
FSBH0F70A
162
211
FSBH0170/A
250
325
FSBH0270/A
550
715
CISS
Input Capacitance
FSBH0370
VGS = 0V, VDS = 25V,
f = 1MHz
315
410
pF
FSBH0F70A
18
24
FSBH0170/A
25
33
FSBH0270/A
38
50
COSS
Output Capacitance
FSBH0370
VGS = 0V, VDS = 25V,
f = 1MHz
47
61
pF
FSBH0F70A
3.8
5.7
FSBH0170/A
10.0
15.0
FSBH0270/A
17.0
26.0
CRSS
Reverse Transfer
Capacitance
FSBH0370
VGS = 0V, VDS = 25V,
f = 1MHz
9.0
24.0
pF
FSBH0F70A
9.5
29.0
FSBH0170/A
12.0
34.0
FSBH0270/A
20.0
500.0
tD(ON)
Turn-On Delay Time
FSBH0370
VDS = 350V, ID = 1.0A
11.2
33.0
ns
FSBH0F70A
19
48
FSBH0170/A
4
18
FSBH0270/A
15
40
tR
Rise Time
FSBH0370
VDS = 350V, ID = 1.0A
34
78
ns
FSBH0F70A
33.0
760.0
FSBH0170/A
30.0
70.0
FSBH0270/A
550.0
120.0
tD(OFF)
Turn-Off Delay Time
FSBH0370
VDS = 350V, ID = 1.0A
28.2
67.0
ns
FSBH0F70A
42
94
FSBH0170/A
10
30
FSBH0270/A
25
60
tF
Fall Time
FSBH0370
VDS = 350V, ID = 1.0A
32
74
ns
Continued on the following page…


Numéro de pièce similaire - FSBH0170A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSBH0170A FAIRCHILD-FSBH0170A Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0170ANY FAIRCHILD-FSBH0170ANY Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results

Description similaire - FSBH0170A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com