Moteur de recherche de fiches techniques de composants électroniques |
|
FSB50250US Fiches technique(PDF) 1 Page - Fairchild Semiconductor |
|
FSB50250US Fiches technique(HTML) 1 Page - Fairchild Semiconductor |
1 / 8 page ©2009 Fairchild Semiconductor Corporation 1 www.fairchildsemi.com FSB50250US Rev. A February 2009 FSB50250US Smart Power Module (SPM®) Features •500V RDS(on)=4.2Ω(max) 3-phase FRFET inverter including high voltage integrated circuit (HVIC) • 3 divided negative dc-link terminals for inverter current sens- ing applications • HVIC for gate driving and undervoltage protection • 3/5V CMOS/TTL compatible, active-high interface • Optimized for low electromagnetic interference • Isolation voltage rating of 1500Vrms for 1min. • Surface mounted device package • Moisture Sensitive Level (MSL) 3 General Description FSB50250US is a tiny smart power module (SPM®) based on FRFET technology as a compact inverter solution for small power motor drive applications such as fan motors and water suppliers. It is composed of 6 fast-recovery MOSFET (FRFET), and 3 half-bridge HVICs for FRFET gate driving. FSB50250US provides low electromagnetic interference (EMI) characteristics with optimized switching speed. Moreover, since it employs FRFET as a power switch, it has much better ruggedness and larger safe operation area (SOA) than that of an IGBT-based power module or one-chip solution. The package is optimized for the thermal performance and compactness for the use in the built-in motor application and any other application where the assembly space is concerned. FSB50250US is the most solution for the compact inverter providing the energy efficiency, compactness, and low electromagnetic interference. Absolute Maximum Ratings Symbol Parameter Conditions Rating Units VPN DC Link Input Voltage, Drain-source Voltage of each FRFET 500 V ID25 Each FRFET Drain Current, Continuous TC = 25°C 1.1 A ID80 Each FRFET Drain Current, Continuous TC = 80°C 0.8 A IDP Each FRFET Drain Current, Peak TC = 25°C, PW < 100μs 2.8 A PD Maximum Power Dissipation TC = 25°C, Each FRFET 13 W VCC Control Supply Voltage Applied between VCC and COM 20 V VBS High-side Bias Voltage Applied between VB(U)-U, VB(V)-V, VB(W)-W 20 V VIN Input Signal Voltage Applied between IN and COM -0.3 ~ VCC+0.3 V TJ Operating Junction Temperature -40 ~ 150 °C TSTG Storage Temperature -50 ~ 150 °C RθJC Junction to Case Thermal Resistance Each FRFET under inverter operating con- dition (Note 1) 9.3 °C/W VISO Isolation Voltage 60Hz, Sinusoidal, 1 minute, Connection pins to heatsink 1500 Vrms |
Numéro de pièce similaire - FSB50250US |
|
Description similaire - FSB50250US |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |