Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDTLH-008SCR Fiches technique(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No de pièce LDTLH-008SCR
Description  1300nm Edge-Emitting LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LDTLH-008SCR Fiches technique(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  LDTLH-008SCR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LDTLH-008SCR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LDI Document #10-4400-0009 Rev. C 1/19/09
Laser Diode Incorporated’s 1300nm edge-emitting LEDs (Light Emitting Diode) feature stable power and spectral
characteristics over temperature. These LEDs are typically used in data or analog transmission systems where the
launch power requirements are too great for an SLED component and where a laser is not suitable.
Specifications and Limits @ 25
oC
Electro-Optical Characteristics
M/A-COM Technology Solutions
4 Olsen Avenue
Edison, NJ 08820 USA
Voice (732) 549-9001
Fax: (732) 906-1559
Internet: www.laserdiode.com
Email: sales@laserdiode.com
1
13
30
00
0n
nm
m E
Ed
dg
ge
e--E
Em
miittttiin
ng
g L
LE
ED
D
Laser Diode Incorporated
ISO 9001:2000 Certified
Excellent Thermal Stability
Singlemode and Multimode Pigtail
Hermetic 14-PIN DIL Packages
Thermoelectric Cooler Option
Military Screening Available
High Reliability Coupling
Applications Include:
Data Transmission Systems
Fiber Optic Modems
TFOCA Systems
PARAMETER
Unit
Min.
Typ.
Max.
Center wavelength
nm
1265
1300
1330
Spectral width
nm
80
Spectrum vs. temperature coefficient
nm/
oC
0.75
Spectral width vs. temperature coefficient
nm/
oC
0.3
Optical rise/fall time
ns
4.0
Forward current
mA
150
Output power
uW
Into 50-micron core, multimode fiber at 150mA
Option 1
uW
40
Option 2
uW
80
Into 9-micron core, singlemode fiber at 150 mA
Option 1
uW
4
Option 2
uW
8
Average power decrease with increase in temperature*
%/
oC
-1.5
Average power increase with decrease in temperature*
%/
oC
5.0
*Uncooled versions only; cooled versions available upon request


Numéro de pièce similaire - LDTLH-008SCR

FabricantNo de pièceFiches techniqueDescription
logo
RUBYCON CORPORATION
LDT RUBYCON-LDT Datasheet
175Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
logo
Schurter Inc.
LDT SCHURTER-LDT Datasheet
370Kb / 4P
   Frontpanel Switch / Momentary Action, Medium Stroke, 10 mm
LDT SCHURTER-LDT Datasheet
404Kb / 4P
   Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
LDT SCHURTER-LDT Datasheet
404Kb / 4P
   Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
04.01.2022
logo
LUMEX INC.
LDT-A514RI LUMEX-LDT-A514RI Datasheet
107Kb / 1P
   0.56 TRIPLE DIGIT, SEVEN SEGMENT DISPLAY
More results

Description similaire - LDTLH-008SCR

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
13LED20 ANADIGICS-13LED20 Datasheet
152Kb / 2P
   1300nm Surface Emitting LED
logo
Marktech Corporate
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
   Peak Emission Wavelength: 1300nm
MTE1300N MARKTECH-MTE1300N Datasheet
671Kb / 3P
   Peak Emission Wavelength: 1300nm
MTE1300NN1-WRC MARKTECH-MTE1300NN1-WRC Datasheet
678Kb / 3P
   Peak Emission Wavelength: 1300nm
MT51300_IR MARKTECH-MT51300_IR Datasheet
1Mb / 3P
   Peak Emission Wavelength: 1300nm
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
   Peak Emission Wavelength: 1300nm
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
   Peak Emission Wavelength: 1300nm
logo
Everlight Electronics C...
39-06-B4C-AJLB EVERLIGHT-39-06-B4C-AJLB Datasheet
172Kb / 7P
   Side Emitting POWER LED
39-06-Y5C-APRC EVERLIGHT-39-06-Y5C-APRC Datasheet
154Kb / 6P
   Side Emitting POWER LED
logo
NTE Electronics
NTE3025 NTE-NTE3025 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com