Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CA2842C Datasheet(Fiches technique) 3 Page - Motorola, Inc

Numéro de pièce CA2842C
Description  22 dB 10-400 MHz 1.2 WATTS WIDEBAND LINEAR AMPLIFIER
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo 

   
 3 page
background image
3
CA2842C
MOTOROLA RF DEVICE DATA
fH, HARMONIC FREQUENCY (MHz)
100
700
600
500
400
300
200
0
– 20
– 30
– 40
– 50
– 60
– 70
– 80
– 90
Pout = + 20 dBm
TC = 25°C
15 V
24 V
28 V
Figure 7. Second Harmonic Distortion versus Voltage
f, FREQUENCY (MHz)
100
700
600
500
400
300
200
0
6
5
4
3
2
1
0
– 1
TC = 25°C
VCC = 28 V
Figure 8. Group Delay versus Frequency
Biased at 24 Volts
TC = 25°C Zo = 50Ω
Frequency
(MHz)
S11
S21
S12
S22
Frequency
(MHz)
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
10
– 15.8
62
22.8
–168
– 27
15
– 20.2
29
50
– 26.5
20
22.5
146
– 27
– 25
– 24
15
100
– 25.5
25
22.5
111
– 27.5
– 56
– 22.5
– 16
200
– 20.5
– 7
22.5
26
– 27.9
– 117
– 18.1
– 73
300
– 17.2
– 48
22.5
– 51
– 28.5
– 170
– 16.5
– 125
400
–18.8
–129
22.4
–126
– 28.3
114
– 22.5
156
Magnitude in dB, Phase Angle in degrees.
Table 1. S–Parameters
Figure 9. External Connections
Figure 10. Intermodulation Test
PIN CONFIGURATION
1 2
8 9
7
3 4 5 6
OUTPUT
0.01
µF
VCC
INPUT
ITO = Po + IMD / 2 @ IMD > 60 dB
PEP = 4 x Po @ IMD = – 32 dB
f1
f2
2 f2 – f1
IMD
Po




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CA2810C34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
CA2818C18.5 dB 0.35-400 MHz 1000 mWATT WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
CA2832C35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
MPA2010.5 Watts 12.5 Volts Class A Linear to 500 MHz 50 ohm Hybrid Amplifier 1 List of Unclassifed Manufacturers
LMH6503Wideband Low Power Linear Variable Gain Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
BGA20121900 MHz high linear low noise amplifier 1 2 3 4 5 MoreNXP Semiconductors
BF799NPN SILICON RF TRANSISTOR For linear broadband amplifier applications up to 500 MHz SAW filter driver in TV tuners 1 2 3 Siemens Semiconductor Group
AWT6136450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module 1 2 3 4 5 MoreANADIGICS, Inc
MAAP-007649-000100Ultra Linear 2W Power Amplifier 800 to 1000 MHz 1 2 3 4 5 MoreTyco Electronics
10A0151.5 Watts 20 Volts Class A Linear to 1000 MHz 1 2 3 GHz Technology

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl