Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CA2842C Datasheet(Fiches technique) 1 Page - Motorola, Inc

Numéro de pièce CA2842C
Description  22 dB 10-400 MHz 1.2 WATTS WIDEBAND LINEAR AMPLIFIER
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo 

   
 1 page
background image
1
CA2842C
MOTOROLA RF DEVICE DATA
The RF Line
Wideband Linear Amplifier
. . . designed for amplifier applications in 50 to 100 ohm systems requiring wide
bandwidth, low noise and low distortion. This hybrid provides excellent gain
stability with temperature and linear amplification as a result of the push–pull
circuit design.
• Specified Characteristics at VCC = 24 V, TC = 25°C:
Frequency Range — 10 – 400 MHz
Output Power — 1580 mW Typ @ 1 dB Compression, f = 200 MHz,
VCC = 28 V
Power Gain — 22 dB Typ @ f = 100 MHz
PEP — 650 mW Min @ – 32 dB IMD
Noise Figure — 4 dB Typ @ f = 100 MHz
ITO — 46 dBm @ f = 300 MHz
• All Gold Metallization for Improved Reliability
• Unconditional Stability Under All Load Conditions
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Supply Voltage
VCC
28
Vdc
RF Power Input
Pin
+14
dBm
Operating Case Temperature Range
TC
– 20 to +100
°C
Storage Temperature Range
Tstg
– 40 to +100
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C, VCC = 24 V, 50 Ω system unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
BW
10
400
MHz
Gain Flatness (f = 10 – 400 MHz)
±0.5
±1
dB
Power Gain (f = 100 MHz)
PG
21
22
23
dB
Noise Figure, Broadband (f = 100 MHz)
NF
4
5
dB
Power Output — 1 dB Compression
(f = 10 – 200 MHz, VCC = 28 V)
Po1 dB
1260
1580
mW
Power Output — 1 dB Compression
(f = 200 – 400 MHz, VCC = 28 V)
Po1 dB
630
mW
Third Order Intercept
(See Figure 10, f1 = 10– 400 MHz, See Fig. 10)
ITO
42
44
dBm
Input/Output VSWR
(f = 10 – 400 MHz)
VSWR
1.3:1
1.5:1
Second Harmonic Distortion
(Po = 100 mW, f2H = 300 MHz)
dso
– 50
dB
Peak Envelope Power
(Two Tone Distortion Test — See Figure 10)
(f = 200 MHz @ – 32 dB IMD)
PEP
650
1000
mW
Supply Current
ICC
200
230
250
mA
Order this document
by CA2842C/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
CA2842C
22 dB
10 – 400 MHz
1.2 WATTS
WIDEBAND
LINEAR AMPLIFIER
CASE 714F–03, STYLE 1
[CA (POS. SUPPLY)]
© Motorola, Inc. 1994




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CA2810C34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
CA2818C18.5 dB 0.35-400 MHz 1000 mWATT WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
CA2832C35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
MPA2010.5 Watts 12.5 Volts Class A Linear to 500 MHz 50 ohm Hybrid Amplifier 1 List of Unclassifed Manufacturers
LMH6503Wideband Low Power Linear Variable Gain Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
BGA20121900 MHz high linear low noise amplifier 1 2 3 4 5 MoreNXP Semiconductors
BF799NPN SILICON RF TRANSISTOR For linear broadband amplifier applications up to 500 MHz SAW filter driver in TV tuners 1 2 3 Siemens Semiconductor Group
AWT6136450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module 1 2 3 4 5 MoreANADIGICS, Inc
MAAP-007649-000100Ultra Linear 2W Power Amplifier 800 to 1000 MHz 1 2 3 4 5 MoreTyco Electronics
10A0151.5 Watts 20 Volts Class A Linear to 1000 MHz 1 2 3 GHz Technology

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl