Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CA2832C Datasheet(Fiches technique) 3 Page - Motorola, Inc

Numéro de pièce CA2832C
Description  35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo 

   
 3 page
background image
3
CA2832C
MOTOROLA RF DEVICE DATA
fH, FREQUENCY (MHz)
100
700
600
500
400
300
200
0
– 56
– 60
– 64
– 68
– 72
– 76
– 80
– 84
24 V
28 V
30 V
TC = 25°C
Pout = + 20 dBm
Figure 7. Second Harmonic Distortion versus Voltage
f, FREQUENCY (MHz)
100
700
600
500
400
300
200
0
6
5
4
3
2
1
0
VCC = 28 V
TC = 25°C
Figure 8. Group Delay versus Frequency
Biased at 28 Volts
TC = 25°C Zo = 50Ω
Frequency
(MHz)
S11
S21
S12
S22
Frequency
(MHz)
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
1
– 16.7
64
36.0
23.3
– 42
– 5.2
– 12.9
73
10
– 21.5
21
36.2
– 8.4
– 47
– 1.4
– 21.9
28
50
– 18.5
6.8
35.9
– 56
– 44
2.8
– 17.9
– 10
100
– 16.9
– 1.8
35.7
– 103
– 46
– 68
– 15.7
– 48
200
– 12.9
– 18
34.7
145
– 49
– 98
– 14.9
115
Magnitude in dB, Phase Angle in degrees.
Table 1. S–Parameters
Figure 9. External Connections
Figure 10. Intermodulation Test
PIN CONFIGURATION
1 2
8 9
7
3 4 5 6
OUTPUT
0.01
µF
VCC
INPUT
ITO = Po + IMD / 2 @ IMD > 60 dB
PEP = 4 x Po @ IMD = – 32 dB
f1
f2
2 f2 – f1
IMD
Po




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CA2810C34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
CA2818C18.5 dB 0.35-400 MHz 1000 mWATT WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
CA2842C22 dB 10-400 MHz 1.2 WATTS WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
PA2001Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz 1 Tyco Electronics
PAW1027-1RF Linear Hybrid Amplifier 35 to 500 MHz 1 Tyco Electronics
THM2003JSiGe HBT MMIC Wideband Linear Amplifier 1 2 3 4 5 MoreTachyonics CO,. LTD
SPA-1118850 MHz 1 Watt Power Amplifier with Active Bias 1 2 3 4 5 SIRENZA MICRODEVICES
PA1162800-960 MHz 4 Watt Ultra Linear Power Amplifier 1 Tyco Electronics
MHVIC915R2746-960 MHz RF LDMOS Wideband Integrated Power Amplifier 1 2 3 4 5 MoreMotorola, Inc
BGA2011900 MHz high linear low noise amplifier 1 2 3 4 5 MoreNXP Semiconductors

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl