Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CA2832C Datasheet(Fiches technique) 4 Page - Motorola, Inc

Numéro de pièce CA2832C
Description  35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo 

   
 4 page
background image
CA2832C
4
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 714F–03
ISSUE C
STYLE 1:
PIN 1. RF INPUT
2. GROUND
3. GROUND
5. +VCC
7. GROUND
8. GROUND
9. RF OUTPUT
–A–
–F–
–Z–
J
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
–––
1.775
–––
45.08
INCHES
B
–––
1.085
–––
27.56
C
–––
0.870
–––
22.10
D
0.018
0.022
0.46
0.56
E
0.465
0.510
11.81
12.95
F
0.300
0.325
7.62
8.25
G
0.100 BSC
2.54 BSC
J
0.156 BSC
3.96 BSC
K
0.330
0.370
8.38
9.40
L
1.000 BSC
25.40 BSC
N
0.165 BSC
4.19 BSC
P
0.100 BSC
2.54 BSC
Q
0.148
0.168
3.76
4.27
R
–––
0.595
–––
15.11
S
1.500 BSC
38.10 BSC
U
0.200 BSC
5.08 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
S
R
V
Q 2 PL
D 7 PL
A
0.25 (0.010) S T F M
M
B
–T–
N
C
X
0.51 (0.020) M T A M
–E–
L
G
1 2 3
5
7 8 9
6 32UNC–2B
A
0.25 (0.010) M Z T
M
2 PL
K
P
W
–X–
U
V
0.209
0.239
5.31
6.07
W
0.425
–––
10.80
–––
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers:
USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036.
EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England.
JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan.
ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
CA2832C/D
*CA2832C/D*




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CA2810C34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
CA2818C18.5 dB 0.35-400 MHz 1000 mWATT WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
CA2842C22 dB 10-400 MHz 1.2 WATTS WIDEBAND LINEAR AMPLIFIER 1 2 3 4 Motorola, Inc
PA2001Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz 1 Tyco Electronics
PAW1027-1RF Linear Hybrid Amplifier 35 to 500 MHz 1 Tyco Electronics
THM2003JSiGe HBT MMIC Wideband Linear Amplifier 1 2 3 4 5 MoreTachyonics CO,. LTD
SPA-1118850 MHz 1 Watt Power Amplifier with Active Bias 1 2 3 4 5 SIRENZA MICRODEVICES
PA1162800-960 MHz 4 Watt Ultra Linear Power Amplifier 1 Tyco Electronics
MHVIC915R2746-960 MHz RF LDMOS Wideband Integrated Power Amplifier 1 2 3 4 5 MoreMotorola, Inc
BGA2011900 MHz high linear low noise amplifier 1 2 3 4 5 MoreNXP Semiconductors

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl