Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP4953 Fiches technique(PDF) 5 Page - Stanson Technology

No de pièce STP4953
Description  Dual P Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP4953 Fiches technique(HTML) 5 Page - Stanson Technology

  STP4953 Datasheet HTML 1Page - Stanson Technology STP4953 Datasheet HTML 2Page - Stanson Technology STP4953 Datasheet HTML 3Page - Stanson Technology STP4953 Datasheet HTML 4Page - Stanson Technology STP4953 Datasheet HTML 5Page - Stanson Technology STP4953 Datasheet HTML 6Page - Stanson Technology STP4953 Datasheet HTML 7Page - Stanson Technology STP4953 Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STP4953
STP4953
STP4953
STP4953
Dual P Channel Enhancement Mode MOSFET
-
5.2A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STP4953 2007. V1
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARACTERICTICS
CHARACTERICTICS
CHARACTERICTICS
CHARACTERICTICS (25℃ Unless Note)


Numéro de pièce similaire - STP4953

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN DOINGTER SEMIC...
STP4953 DOINGTER-STP4953 Datasheet
1Mb / 5P
   Dual P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STP4953 VBSEMI-STP4953 Datasheet
956Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
STP4953AM-TRG VBSEMI-STP4953AM-TRG Datasheet
956Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
STP4953AMTRG VBSEMI-STP4953AMTRG Datasheet
956Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
STP4953M-TRG VBSEMI-STP4953M-TRG Datasheet
956Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Description similaire - STP4953

FabricantNo de pièceFiches techniqueDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com