Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST6205 Fiches technique(PDF) 3 Page - Stanson Technology

No de pièce ST6205
Description  Low ESR Low Power High-Speed CMOS LDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST6205 Fiches technique(HTML) 3 Page - Stanson Technology

  ST6205 Datasheet HTML 1Page - Stanson Technology ST6205 Datasheet HTML 2Page - Stanson Technology ST6205 Datasheet HTML 3Page - Stanson Technology ST6205 Datasheet HTML 4Page - Stanson Technology ST6205 Datasheet HTML 5Page - Stanson Technology ST6205 Datasheet HTML 6Page - Stanson Technology ST6205 Datasheet HTML 7Page - Stanson Technology ST6205 Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ST6205
Low ESR Low Power High-Speed CMOS LDO
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST6205 2007. Rev. 1
APPLCATION CIRCUT
BLOCK DIAGRAM
ABSOULTE MAXIMUM RATINGS (TA=25℃ unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
7
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3V~VIN+0.3V
mA
Thermal Resistance
ӨJA
SOT-23-3L
SOT-323
120
105
/W
Power Dissipation
PD SOT-23-3L
SOT-323
1250
950
mW
Operation Junction Temperature
Range
TJ
-40 ~ +85
Storgae Temperature Range
TSTG
-55 ~ +125


Numéro de pièce similaire - ST6205

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST6200 STMICROELECTRONICS-ST6200 Datasheet
972Kb / 100P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST6200C STMICROELECTRONICS-ST6200C Datasheet
972Kb / 100P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST6200C STMICROELECTRONICS-ST6200C Datasheet
1Mb / 100P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST6200C STMICROELECTRONICS-ST6200C Datasheet
3Mb / 100P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
ST6200CB1 STMICROELECTRONICS-ST6200CB1 Datasheet
472Kb / 70P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
More results

Description similaire - ST6205

FabricantNo de pièceFiches techniqueDescription
logo
SYNC POWER Crop.
SP2525 SYNC-POWER-SP2525 Datasheet
425Kb / 10P
   Low ESR Cap. & Low Power High-speed CMOS LDO
SP2524 SYNC-POWER-SP2524 Datasheet
432Kb / 10P
   Low ESR Cap. & Low Power High-speed CMOS LDO With CE Pin
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Champion Microelectroni...
CM2838 CHAMP-CM2838 Datasheet
328Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836 CHAMP-CM2836 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836 CHAMP-CM2836_09 Datasheet
313Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Advanced Monolithic Sys...
AMS6211 AMS-AMS6211 Datasheet
1Mb / 5P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
AMS6221 AMS-AMS6221 Datasheet
1Mb / 3P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
logo
Will Semiconductor Ltd.
WL2808E WILLSEMI-WL2808E Datasheet
1Mb / 9P
   Low noise, High PSRR, High speed, CMOS LDO
WL2836E WILLSEMI-WL2836E Datasheet
4Mb / 15P
   Low noise, High PSRR, High speed, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com