Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST3406S23RG Fiches technique(PDF) 1 Page - Stanson Technology

No de pièce ST3406S23RG
Description  N Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST3406S23RG Fiches technique(HTML) 1 Page - Stanson Technology

  ST3406S23RG Datasheet HTML 1Page - Stanson Technology ST3406S23RG Datasheet HTML 2Page - Stanson Technology ST3406S23RG Datasheet HTML 3Page - Stanson Technology ST3406S23RG Datasheet HTML 4Page - Stanson Technology ST3406S23RG Datasheet HTML 5Page - Stanson Technology ST3406S23RG Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST3406
N Channel Enhancement Mode MOSFET
5.4A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
DESCRIPTION
ST3406 is the N-Channel logic enhancement mode power field effect transistor which is
produced using high cell density, DMOS trench technology. This high density process is
especially tailored to minimize on-state resistance. These devices are particularly
suited for low voltage application such as cellular phone and notebook computer power
management, other battery powered circuits, and low in-line power loss are required.
The product is in a very small outline surface mount package.
FEATURE
PIN CONFIGURATION
SOT-23-3L
30V/5.4A, RDS(ON) = 26mΩ(Typ.)
@VGS = 10V
30V/4.6A, RDS(ON) = 36mΩ
@VGS = 4.5V
ST3406 2006. V1
3
1
1.Gate
2.Source
3.Drain
PART MARKING
SOT-23-3L
Y: Year Code
A: Week Code
ORDERING INFORMATION
Part Number
Package
Part Marking
ST3406S23RG
SOT-23-3L
A6YA
Week Code Code : A ~ Z(1~26) ; a ~ z(27~52)
ST3406S23RG
S23 : SOT-23-3L ; R : Tape Reel ; G : Pb – Free
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
SOT-23-3L package design
D
G
S
2
3
1
A6YA
2


Numéro de pièce similaire - ST3406S23RG

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
ST3406S23RG VBSEMI-ST3406S23RG Datasheet
493Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Description similaire - ST3406S23RG

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com