Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST432BS23RG Fiches technique(PDF) 1 Page - Stanson Technology

No de pièce ST432BS23RG
Description  Adjustable Precision Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST432BS23RG Fiches technique(HTML) 1 Page - Stanson Technology

  ST432BS23RG Datasheet HTML 1Page - Stanson Technology ST432BS23RG Datasheet HTML 2Page - Stanson Technology ST432BS23RG Datasheet HTML 3Page - Stanson Technology ST432BS23RG Datasheet HTML 4Page - Stanson Technology ST432BS23RG Datasheet HTML 5Page - Stanson Technology ST432BS23RG Datasheet HTML 6Page - Stanson Technology ST432BS23RG Datasheet HTML 7Page - Stanson Technology ST432BS23RG Datasheet HTML 8Page - Stanson Technology ST432BS23RG Datasheet HTML 9Page - Stanson Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ST432
Adjustable Precision Shunt Regulator
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
ST432 2007. V1
DESCRIPTION
ST432 is low-voltage three-terminal adjustable voltage references, with specified
thermal stability over applicable industrial and commercial temperature ranges. Output
voltage can be set to any value between VREF (1.24V) and 20V with two external
resistors. These devices have a typical output impedance of 0.25Ω. Active output
circuitry provides a very sharp turn-on characteristic, making the ST432 excellent
replacements for low-voltage Zener diodes in many applications, including onboard
regulation and adjustable power supplies.
Drivers augmentation
PIN CONFIGURATION
SOT-23
TO-92
SOT-23-5L
SOT-353 ( SC-70 )
PART MARKING
SOT-23
TO-92
SOT-23-5L
SOT-353 ( SC-70 )
FEATURES
Low-Voltage Operation down to 1.24 V
Adjustable Output Voltage, VOUT= Vref
to 20 V
Low Operational Cathode Current 80uA
0.25Ω Typical Output Impedance
APPLICATIONS
Battery Power Equipment
Linear Regulators
Switch Power Supply
Cellular Phone
Digital Camera
Computer Disk


Numéro de pièce similaire - ST432BS23RG

FabricantNo de pièceFiches techniqueDescription
logo
Coilcraft lnc.
ST432PNA COILCRAFT-ST432PNA Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST432PNA103MLZ COILCRAFT-ST432PNA103MLZ Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST432PNA104MLZ COILCRAFT-ST432PNA104MLZ Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST432PNA123MLZ COILCRAFT-ST432PNA123MLZ Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST432PNA153MLZ COILCRAFT-ST432PNA153MLZ Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
More results

Description similaire - ST432BS23RG

FabricantNo de pièceFiches techniqueDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com