Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD8426H Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FDD8426H
Description  Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 12 A, 12 m廓 P-Channel: -40 V, -10 A, 17 m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8426H Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FDD8426H Datasheet HTML 3Page - Fairchild Semiconductor FDD8426H Datasheet HTML 4Page - Fairchild Semiconductor FDD8426H Datasheet HTML 5Page - Fairchild Semiconductor FDD8426H Datasheet HTML 6Page - Fairchild Semiconductor FDD8426H Datasheet HTML 7Page - Fairchild Semiconductor FDD8426H Datasheet HTML 8Page - Fairchild Semiconductor FDD8426H Datasheet HTML 9Page - Fairchild Semiconductor FDD8426H Datasheet HTML 10Page - Fairchild Semiconductor FDD8426H Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
©2009 Fairchild Semiconductor Corporation
8
www.fairchildsemi.com
FDD8426H Rev.C
Typical Characteristics (Q2 P-Channel) T
J = 25°C unless otherwise noted
Figure 21. Gate Charge Characteristics
Figure 22. Capacitance vs Drain
to Source Voltage
Figure 23. Unclamped Inductive
Switching Capability
Figure 24. Maximum Continuous Drain
Current vs Case Temperature
Figure 25. Forward Bias Safe
Operating Area
Figure 26. Single Pulse Maximum Power
Dissipation
0
10203040
0
2
4
6
8
10
ID = -10 A
VDD = -30 V
VDD = -20 V
Qg, GATE CHARGE (nC)
VDD = -10 V
0.1
1
10
40
100
1000
5000
f = 1 MHz
VGS = 0 V
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
0.01
0.1
1
10
100
500
1
10
20
TJ = 150 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
25
50
75
100
125
150
0
20
40
60
RθJC = 1.4
o
C/W
VGS = -4.5 V
VGS = -10 V
T
C
, CASE TEMPERATURE (
o
C
)
0.1
1
10
100 200
0.1
1
10
100
100 ms
1 s
10 ms
1 ms
100 us
THIS AREA IS
LIMITED BY rds(on)
SINGLE PULSE
TJ = MAX RATED
RθJC = 1.4
oC/W
TC = 25
oC
-VDS, DRAIN to SOURCE VOLTAGE (V)
10
-4
10
-3
10
-2
10
-1
50
100
1000
SINGLE PULSE
RθJC = 1.4
o
C/W
t, PULSE WIDTH (sec)


Numéro de pièce similaire - FDD8426H

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD8424H FAIRCHILD-FDD8424H Datasheet
638Kb / 12P
   Dual N & P-Channel PowerTrench짰 MOSFET
FDD8424H FAIRCHILD-FDD8424H_11 Datasheet
856Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
FDD8424H_F085A FAIRCHILD-FDD8424H_F085A_13 Datasheet
793Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
More results

Description similaire - FDD8426H

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS4897AC FAIRCHILD-FDS4897AC Datasheet
413Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 6.1 A, 26 m廓 P-Channel: -40 V, -5.2 A, 39 m廓
FDMC8030 FAIRCHILD-FDMC8030 Datasheet
341Kb / 7P
   Dual N-Channel Power Trench짰 MOSFET 40 V, 12 A, 10 m廓
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
FDMC8327L FAIRCHILD-FDMC8327L Datasheet
400Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40 V, 14 A, 9.7 m廓
FDMC8588 FAIRCHILD-FDMC8588 Datasheet
366Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMC8588DC FAIRCHILD-FDMC8588DC Datasheet
401Kb / 8P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDS8638 FAIRCHILD-FDS8638 Datasheet
286Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 18 A, 4.3 m廓
FDS8842NZ FAIRCHILD-FDS8842NZ Datasheet
310Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 14.9 A, 7.0 m廓
FDD6796 FAIRCHILD-FDD6796 Datasheet
287Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com