Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD6782A Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDD6782A
Description  N-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6782A Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDD6782A Datasheet HTML 1Page - Fairchild Semiconductor FDD6782A Datasheet HTML 2Page - Fairchild Semiconductor FDD6782A Datasheet HTML 3Page - Fairchild Semiconductor FDD6782A Datasheet HTML 4Page - Fairchild Semiconductor FDD6782A Datasheet HTML 5Page - Fairchild Semiconductor FDD6782A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
©2009 Fairchild Semiconductor Corporation
FDD6782A Rev.C
Figure 7.
03
69
12
15
18
0
2
4
6
8
10
Qg, GATE CHARGE (nC)
ID = 14.9 A
VDD = 13 V
VDD = 10 V
VDD = 16 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
30
100
1000
2000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure 9.
0.001
0.01
0.1
1
10
100
1
TJ = 125 oC
TJ = 150 oC
30
10
TJ = 25 oC
t
AV, TIME IN AVALANCHE (ms)
Unclamped Inductive
Switching Capability
Figure 10.
25
50
75
100
125
150
175
0
10
20
30
40
50
Limited by Package
RθJC = 4.8
oC/W
VGS = 4.5 V
VGS = 10 V
T
c
, CASE TEMPERATURE (
o
C
)
Maximum Continuous Drain
Current vs Case Temperature
Figure 11. Forward Bias Safe
Operating Area
0.1
1
10
70
0.1
1
10
100
200
10 us
1 s
100 ms
10 ms
1 ms
100 us
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJC = 4.8
oC/W
TC = 25
oC
Figure 12. Single Pulse Maximum
Power Dissipation
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
20
100
1000
2000
SINGLE PULSE
RθJC = 4.8
oC/W
TC = 25
oC
V
GS = 10 V
t, PULSE WIDTH (sec)
Typical Characteristics T
J = 25 °C unless otherwise noted


Numéro de pièce similaire - FDD6782A

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FDD6782A ISC-FDD6782A Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - FDD6782A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com