Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C650AIJ44 Fiches technique(PDF) 9 Page - Exar Corporation

No de pièce ST16C650AIJ44
Description  2.90V TO 5.5V UART WITH 32-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C650AIJ44 Fiches technique(HTML) 9 Page - Exar Corporation

Back Button ST16C650AIJ44 Datasheet HTML 5Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 6Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 7Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 8Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 9Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 10Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 11Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 12Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
ST16C650A
9
REV. 5.0.2
2.90V TO 5.5V UART WITH 32-BYTE FIFO
2.1.1
PC MODE
The PC mode interface includes an on-chip address decoder and interrupt selection function for the standard
PC COM 1-4 port addresses. The selection is made through three input signals: S1, S2 and S3. The selection
summary is shown in Table 1. Although the on-chip address decoder was designed for PC applications
ranging from 0x278 to 0x3FF, it can fit into an embedded applications by offsetting the address lines to the
650A. An example is shown in Figure 5 where the UART is operating from 0x80F8 to 0x80FF address space.
Operating in the PC mode eliminates external address decode components.
TABLE 1: PC MODE INTERFACE ON-CHIP ADDRESS DECODER AND INTERRUPT SELECTION.
SEL INPUT
S3, S2, S1
INPUTS
A9-A3 ADDRESS LINES TO
ON-CHIP DECODER
COM/LPT PORT
SELECTION
IRQ OUTPUT SELECTION
0
0 0 0
0x3F8 - 0x3FF
COM-1
IRQB (for PC’s IRQ4)
0
0 0 1
0x2F8 - 0x2FF
COM-2
IRQC (for PC’s IRQ3)
0
0 1 0
0x3E8 - 0x3EF
COM-3
IRQB (for PC’s IRQ4)
0
0 1 1
0x2E8 - 0x2EF
COM-4
IRQC (for PC’s IRQ3)
0
1 0 0
0x3F8 - 0x3FF
COM-1
IRQA (for PC’s IRQn)
0
1 0 1
0x2F8 - 0x2FF
COM-2
IRQA (for PC’s IRQn)
0
1 1 0
0x3E8 - 0x3EF
COM-3
IRQA (for PC’s IRQn)
0
1 1 1
0x2E8 - 0x2EF
COM-4
IRQA (for PC’s IRQn)
0
- - -
0x278 - 0x27F
LPT-2
N/A
0
- - -
0x378 - 0x37F
LPT-1
N/A
FIGURE 5. PC MODE INTERFACE IN AN EMBEDDED APPLICATION.
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
A3
A4
A5
A6
A7
A14
A15
AE N #
IO W #
IO R #
RE S E T
D0
D1
D2
D3
D4
D5
D6
D7
IO W #
A0
A1
A2
R E SET
VC C
IN T
IR Q A
SE L
VC C
GN D
IO R #
IR Q B
IR Q C
A3
A4
A5
A6
A7
A8
A9
AEN *
OP 1 #
RI#
CD#
DS R#
CT S #
RX
TX
RT S #
DT R#
S1
S2
S3
VCC
GN D
GN D
E m bedded A pplication set to operate
at address 0x80F 8 to 0x80F F


Numéro de pièce similaire - ST16C650AIJ44

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C650AIJ44 EXAR-ST16C650AIJ44 Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650AIJ44 EXAR-ST16C650AIJ44 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
More results

Description similaire - ST16C650AIJ44

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C650A EXAR-ST16C650A Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A_0508 EXAR-ST16C650A_0508 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com