Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C650AIJ44 Fiches technique(PDF) 11 Page - Exar Corporation

No de pièce ST16C650AIJ44
Description  2.90V TO 5.5V UART WITH 32-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C650AIJ44 Fiches technique(HTML) 11 Page - Exar Corporation

Back Button ST16C650AIJ44 Datasheet HTML 7Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 8Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 9Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 10Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 11Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 12Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 13Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 14Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
ST16C650A
11
REV. 5.0.2
2.90V TO 5.5V UART WITH 32-BYTE FIFO
2.6
Interrupt
The output function of interrupt, INT, output changes according to the operating bus type and various factors.
Table 3 summarizes its behavior in Intel and PC mode of operation. Multiple interrupts can be wire-OR’ed.
This is accomplished by setting MCR bit-5 to a logic 1 and connecting a 1K
Ω to 10KΩ resistor between this pin
and ground to provide an acceptable logic 0 level.
TABLE 3: INTERRUPT OUTPUT (INT AND IRQA) FUNCTIONS
SEL INPUT
S3 INPUT
MCR BIT-5
(INT TYPE
SELECT
)
MCR BIT-3
(IRQN
ENABLE
)
INTERRUPT OUTPUT (INT OR IRQA)
Intel Bus Mode
1
don’t care
0
don’t care
INT is logic 0 for inactive interrupt.
INT is logic 1 for active interrupt (active high)
1
don’t care
1
don’t care
INT is three-state for inactive interrupt
INT is logic 1 for active interrupt (open source). Requires a 1K-
10K
resistor to GND.
PC Mode
0
0
don’t care
don’t care
IRQA is three-state. Either IRQB or IRQC is used, see
Table 1.
0
1
don’t care
0
IRQA is three-state.
0
1
0
1
IRQA is logic 0 for inactive interrupt.
IRQA is logic 1 for active interrupt (active high).
0
1
1
1
IRQA is three-state for no interrupt.
IRQA is logic 1 for active interrupt (active high, open source).


Numéro de pièce similaire - ST16C650AIJ44

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C650AIJ44 EXAR-ST16C650AIJ44 Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650AIJ44 EXAR-ST16C650AIJ44 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
More results

Description similaire - ST16C650AIJ44

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C650A EXAR-ST16C650A Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A_0508 EXAR-ST16C650A_0508 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com