Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD42351NA Fiches technique(PDF) 4 Page - Silan Microelectronics Joint-stock

No de pièce SD42351NA
Description  350MA WHITE SINGLE LED DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILAN [Silan Microelectronics Joint-stock]
Site Internet  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD42351NA Fiches technique(HTML) 4 Page - Silan Microelectronics Joint-stock

  SD42351NA Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD42351NA Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD42351NA Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD42351NA Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SD42351
PACKAGE OUTLINE
SOT-89-3
UNIT: mm
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.5
2008.03.13
Http: //www.silan.com.cn
Page 4 of 5


Numéro de pièce similaire - SD42351NA

FabricantNo de pièceFiches techniqueDescription
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
   1A WHITE LED DRIVER
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
SD42524 SILAN-SD42524 Datasheet
693Kb / 11P
   1A High Power LED Driver with 6~36V Input
logo
Semicoa Semiconductor
SD4261 SEMICOA-SD4261 Datasheet
29Kb / 1P
   Chip Type 2C4261 Geometry 0014 Polarity PNP
SD4261F SEMICOA-SD4261F Datasheet
29Kb / 1P
   Chip Type 2C4261 Geometry 0014 Polarity PNP
More results

Description similaire - SD42351NA

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
   Single Cell 350mA LED Driver
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
   Single Cell 350mA LED Driver
logo
Monolithic Power System...
EV3398A-S-00A MPS-EV3398A-S-00A Datasheet
591Kb / 6P
   4 strings 350mA White LED Driver Evaluation Board
logo
Union Semiconductor, In...
UM1350 UNIONSEMI-UM1350_14 Datasheet
368Kb / 15P
   350mA, LED Lighting Driver
UM1350 UNIONSEMI-UM1350 Datasheet
339Kb / 15P
   350mA, LED Lighting Driver
logo
First Silicon Co., Ltd
FC1350 FS-FC1350 Datasheet
136Kb / 3P
   350mA LED Lighting Driver
logo
Monolithic Power System...
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
   Step-Up, 4-String Max 350mA/String White LED Driver
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350_07 Datasheet
727Kb / 24P
   350mA LED driver with internal switch
logo
Diodes Incorporated
ZXLD1350Q DIODES-ZXLD1350Q_17 Datasheet
767Kb / 21P
   AUTOMOTIVE COMPLIANT 350mA BUCK LED DRIVER
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
   350mA LED driver with internal switch
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com