Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD6109 Fiches technique(PDF) 5 Page - Silan Microelectronics Joint-stock

No de pièce SD6109
Description  VOLTAGE MODE PWM POWER SUPPLY WITH BUILT-IN SUPERVISOR, PROTECTION AND REGULATION FOR PCs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILAN [Silan Microelectronics Joint-stock]
Site Internet  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD6109 Fiches technique(HTML) 5 Page - Silan Microelectronics Joint-stock

  SD6109 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD6109 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD6109 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD6109 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD6109 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD6109 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD6109 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SD6109 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SD6109 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SD6109
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.02.23
Http://www.silan.com.cn
Page 5 of 11
PIN DESCRIPTIONS
Pin No.
Pin Name
I/O
Description
1
PSON
I
Remote switch input for CPU or controller. Control the PWM Output.
2
V33
I
3.3V over-voltage/under-voltage control sense input.
3
V5
I
5V over-voltage/under-voltage control sense input.
4
OPP
I
Over-power sense input.
5
UVAC
I
AC fail detection.
6
NVP
I
The protection input for negative output.
7
V12
I
12V over-voltage/under-voltage control sense input.
8
OP2
O
The totem-pole output drivers of push-pull PWM. The maximum duty
cycle (OP1 or OP2) is 46%.
9
OP1
O
The totem-pole output drivers of push-pull PWM.
10
PG
O
PG logic output, 0 or 1 (open-collector). PG=1 means that the power is
good for operation.
11
FB2
O
Output of second converter regulation loop.
12
VREF2
I
Reference comparison input for second converter regulation loop. 2.5V.
13
VREF1
I
Reference comparison input for first converter regulation loop. 2.5V.
14
FB1
O
Output of first converter regulation loop.
15
GND
-
Ground.
16
COMP
I/O
Error amplifier output and the input of the PWM comparator.
17
IN
I
The negative input of error amplifier. The positive input of error amplifier
is connected to 2.5V reference voltage.
18
SS
I/O
The soft-start. It is settable through external capacitor. The current
source output at this pin is 5.7uA and the voltage is clamped at 2.5V.
19
RI
I
Connected to external resistor for the reference setting.
20
VCC
-
Supply voltage. It is connected to 5V-standby.


Numéro de pièce similaire - SD6109

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SD6100CS PANJIT-SD6100CS Datasheet
34Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 6.0 Amperes)
SD6100CS PANJIT-SD6100CS Datasheet
71Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SD6100CS-T3 WTE-SD6100CS-T3 Datasheet
45Kb / 3P
   6.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SD6100CT PANJIT-SD6100CT Datasheet
41Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 6.0 Amperes)
SD6100CT PANJIT-SD6100CT Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Description similaire - SD6109

FabricantNo de pièceFiches techniqueDescription
logo
Silan Microelectronics ...
SC6105 SILAN-SC6105 Datasheet
386Kb / 8P
   VOLTAGE MODE PWM POWER SUPPLY WITH BUILTIN PROTECTION AND REGULATION
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
logo
Fairchild Semiconductor
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
   Power Supply Supervisor PWM
logo
Weltrend Semiconductor
WT7522 WELTREND-WT7522 Datasheet
140Kb / 9P
   POWER SUPPLY PWM SUPERVISOR
Version 1.10 April 29, 2009
logo
Rohm
BD9528AMUV ROHM-BD9528AMUV Datasheet
975Kb / 30P
   High Performance Regulators for PCs Main Power Supply for Notebook PCs(With Built-in Linear Regulator)
logo
Suntac Electronic Corp.
STC6105 SUNTAC-STC6105 Datasheet
473Kb / 10P
   Power Supply Supervisor Regulator PWM
logo
Fairchild Semiconductor
SG6105A FAIRCHILD-SG6105A_09 Datasheet
909Kb / 17P
   Power Supply Supervisor Regulator PWM
logo
Unisonic Technologies
3520 UTC-3520 Datasheet
206Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
logo
List of Unclassifed Man...
SG6105 ETC-SG6105 Datasheet
519Kb / 13P
   Power Supply Supervisor Regulator PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com