Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC9638FP Fiches technique(PDF) 10 Page - Silan Microelectronics Joint-stock

No de pièce SC9638FP
Description  CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILAN [Silan Microelectronics Joint-stock]
Site Internet  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9638FP Fiches technique(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC9638FP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 13Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SC9638FP
CD mode; if there is no disk, CD open, or read fail, it will output BUZZ sound; if it is in TUNER step, it will
play radio and display time; if in the BUZZ step, then output BUZZ.
In boot-strap mode, alarm will ring if time to the set value: if it is in the AUTO step, it will play CD
according the ALARM set music in CD mode; if there is no disk, CD open, or read fail, it will output alarm;
if in the BUZZ step, then output BUZZ, at this time press AUTO/BUZZ key can switch to output MUSIC
or BUZZ; press POWE or ALARM can shut down power after alarm, and cancel the alarm function;
When alarm ring, the corresponding ALARM1 or ALARM2 flashes, and press the corresponding key can
cancel the alarm function, ALARM light on and power off;
It will power off after ALARM ring in CD mode, and close BUZZ output after 5 minutes in BUZZ mode.
Unless pressing the ALARM or POWER key, the one hour timing can be cleared.
ALARM has memory function, and it can be cleared after power on again.
ALARM1 operating frequency is 600Hz;
ALARM2 operating frequency is 1200Hz.
3) SLEEP
Press SLEEP to power on and play the CD automatically.
After set SLEEP, the first press SLEEP key will display the time, press this key again will set the SLEEP
time over again. SLEEP sets the time as 90-80-70-60-50-40-30-20-10-0;After 0 minute it will cancel
SLEEP mode. The SLEEP flashes when set the time, and after the timer is open, display SLEEP.
4) SNOOZE
When the alarm rings, press this key to enter SNOOZE mode, and after 6 minutes, the alarm clock will
ring again.
5) UP
Time increases 1, and it will continue increase when press the key continually.
6) DN
Time decrease 1, and it will continue decrease when press the key continually.
7. Radio mode
In radio mode, display the frequency, and it will return to time display if no operation in 5s; when the frequency
is changed, switch to frequency display automatically.
1) FM frequency display
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.03.24
Http: www.silan.com.cn
Page 10 of 13


Numéro de pièce similaire - SC9638FP

FabricantNo de pièceFiches techniqueDescription
logo
Silan Microelectronics ...
SC9638EP SILAN-SC9638EP Datasheet
859Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
More results

Description similaire - SC9638FP

FabricantNo de pièceFiches techniqueDescription
logo
Silan Microelectronics ...
SC9638EP SILAN-SC9638EP Datasheet
859Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9697 SILAN-SC9697 Datasheet
303Kb / 9P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9699P SILAN-SC9699P Datasheet
272Kb / 11P
   CD SERVO CONTROLLER WITH MCU (WITH DTS AND CLOCK)
SC9696P SILAN-SC9696P Datasheet
1Mb / 20P
   CD SERVO CONTROLLER WITH MCU
SC9636-006 SILAN-SC9636-006 Datasheet
674Kb / 12P
   CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (2 DIGITS LED DISPLAY)
SC9637B SILAN-SC9637B Datasheet
1Mb / 15P
   CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (2/4 DIGITS LCD DISPLAY AND REMOTE CONTROL)
SC9640P SILAN-SC9640P Datasheet
649Kb / 10P
   CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (SLAVE MODE)
logo
List of Unclassifed Man...
BA2266A ETC1-BA2266A Datasheet
239Kb / 2P
   Radio Servo controller
logo
NEC
UPD2813C NEC-UPD2813C Datasheet
496Kb / 6P
   Clock And Radio Frequency Counter/Display Circuit CMOS LSI
logo
Mitsubishi Electric Sem...
M62475FP MITSUBISHI-M62475FP Datasheet
168Kb / 19P
   AUTOMATIC ADJUSTMENT CD PREAMPLIFIER SERVO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com