Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN6793MY Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FAN6793MY
Description  Highly Integrated, Dual-PWM Combination Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6793MY Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FAN6793MY Datasheet HTML 1Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 2Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 3Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 4Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 5Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 6Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 7Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 8Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
April 2009
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6791 / FAN6793 • Rev. 1.0.2
FAN6791 / FAN6793
Highly Integrated, Dual-PWM Combination Controller
Features
High-Voltage Startup
Low Operating Current
Interleaved Stand-by PWM / Forward PWM Switching
Green Mode Stand-by PWM / Forward PWM
Linearly Decreasing Stand-by PWM Frequency to
20kHz
Remote On / Off
AC Brownout Protection
Forward PWM with Soft-Start
Frequency Hopping to Reduce EMI Emissions
Cycle-by-Cycle Current Limiting for Stand-by PWM /
Forward PWM
Leading-Edge Blanking for Stand-by PWM / Forward
PWM
Synchronized Slope Compensation for Stand-by
PWM / Forward PWM
GATE Output Maximum Voltage Clamp
VDD Over-Voltage Protection (OVP)
VDD Under-Voltage Lockout (UVLO)
Internal Open-Loop Protection for Stand-by PWM /
Forward PWM
Constant Power Limit for Stand-by PWM / Forward
PWM
Applications
General-purpose switch-mode power supplies and
flyback power converters, including:
PC-ATX Power Supplies
Description
The
highly
integrated
FAN6791/3
dual
PWM
combination controller provides several features to
enhance the performance of converters.
To minimize standby power consumption, a proprietary
green-mode function provides off-time modulation to
linearly decrease the switching frequency at light-load
conditions. To avoid acoustic-noise problems, the
minimum PWM frequency is set above 20KHz. This
green-mode function enables the power supply to meet
international power conservation requirements. With the
internal high-voltage startup circuitry, the power loss
due to bleeding resistors is also eliminated. To further
reduce
power
consumption,
FAN6791/3
is
manufactured using the CMOS process, which allows
an operating current of only 6mA.
FAN6791/3 integrates a frequency-jittering function
internally to reduce EMI emissions of a power supply
with minimum line filters. The built-in synchronized slope
compensation
achieves
stable
peak-current-mode
control. The proprietary internal line compensation
ensures constant output power limit.
FAN6791/3
provides
many
protection
functions,
including brownout protection, cycle-by-cycle current
limiting, and an internal open-loop protection circuit to
ensure safety should an open-loop or output short-
circuit failure occur. PWM output is disabled until VDD
drops below the UVLO lower limit when the controller
restarts. As long as VDD exceeds ~24.5V, the internal
OVP circuit is triggered.


Numéro de pièce similaire - FAN6793MY

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN6747 FAIRCHILD-FAN6747 Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6747 FAIRCHILD-FAN6747 Datasheet
427Kb / 12P
   Control a Flyback Power Supply with Peak Current Output
FAN6747LMY FAIRCHILD-FAN6747LMY Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6751 FAIRCHILD-FAN6751 Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
FAN6751HLMY FAIRCHILD-FAN6751HLMY Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
More results

Description similaire - FAN6793MY

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
AN-6083 FAIRCHILD-AN-6083 Datasheet
349Kb / 9P
   Highly Integrated, Dual-PWM Combination Controller
logo
ON Semiconductor
NCP1565 ONSEMI-NCP1565_16 Datasheet
994Kb / 31P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
January, 2016 ??Rev. 4
NCP1566 ONSEMI-NCP1566 Datasheet
2Mb / 38P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
July, 2019 ??Rev. 4
NCP1565 ONSEMI-NCP1565 Datasheet
113Kb / 2P
   PWM Controller, Highly Integrated Dual-Mode Active Clamp
9/17/2014
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com