Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN3268TMX Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FAN3268TMX
Description  2A Low-Voltage PMOS-NMOS Bridge Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3268TMX Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FAN3268TMX Datasheet HTML 1Page - Fairchild Semiconductor FAN3268TMX Datasheet HTML 2Page - Fairchild Semiconductor FAN3268TMX Datasheet HTML 3Page - Fairchild Semiconductor FAN3268TMX Datasheet HTML 4Page - Fairchild Semiconductor FAN3268TMX Datasheet HTML 5Page - Fairchild Semiconductor FAN3268TMX Datasheet HTML 6Page - Fairchild Semiconductor FAN3268TMX Datasheet HTML 7Page - Fairchild Semiconductor FAN3268TMX Datasheet HTML 8Page - Fairchild Semiconductor FAN3268TMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
February 2009
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3268 • Rev. 1.0.0
1
FAN3268
2A Low-Voltage PMOS-NMOS Bridge Driver
Features
4.5V to 18V Operating Range
Drives High-Side PMOS and Low-Side NMOS in
Motor Control or Buck Step-down Applications
Inverting Channel B Biases High-Side PMOS
Device Off (with internal 100kΩ Resistor) when
VDD is below UVLO Threshold
TTL Input Thresholds
2.4A Sink / 1.6A Source at VOUT=6V
Internal Resistors Turn Driver Off If No Inputs
MillerDrive™ Technology
8-Lead SOIC Package
Rated from –40°C to +125°C Ambient
Applications
Motor Control with PMOS / NMOS Half-Bridge
Configuration
Buck Converters with High-Side PMOS Device;
100% Duty Cycle Operation Possible
Logic-Controlled Load Circuits with High-Side
PMOS Switch
Description
The FAN3268 dual 2A gate driver is optimized to drive a
high-side P-channel MOSFET and a low-side N-channel
MOSFET in motor control applications operating from a
voltage rail up to 18V. The driver has TTL input
thresholds and provides buffer and level translation
functions from logic inputs. Internal circuitry provides an
under-voltage lockout function that prevents the output
switching devices from operating if the VDD supply
voltage is below the operating level. Internal 100kΩ
resistors bias the non-inverting output low and the
inverting output to VDD to keep the external MOSFETs
off during startup intervals when logic control signals
may not be present.
The
FAN3268
driver
incorporates
MillerDrive™
architecture for the final output stage. This bipolar-
MOSFET combination provides high current during the
Miller plateau stage of the MOSFET turn-on / turn-off
process to minimize switching loss, while providing rail-
to-rail voltage swing and reverse current capability.
The FAN3268 has two independent enable pins that
default to on if not connected. If the enable pin for non-
inverting channel A is pulled low, OUTA is forced low; if
the enable pin for inverting channel B is pulled low,
OUTB is forced high. If an input is left unconnected,
internal resistors bias the inputs such that the external
MOSFETs are off.
Figure 1. Typical Motor Drive Application


Numéro de pièce similaire - FAN3268TMX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN3268TMX FAIRCHILD-FAN3268TMX Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
logo
ON Semiconductor
FAN3268TMX ONSEMI-FAN3268TMX Datasheet
1Mb / 17P
   2A Low-Voltage PMOS-NMOS Bridge Driver
September-2017, Rev. 2
FAN3268TMX-F085 ONSEMI-FAN3268TMX-F085 Datasheet
1Mb / 17P
   2A Low-Voltage PMOS-NMOS Bridge Driver
September-2017, Rev. 2
More results

Description similaire - FAN3268TMX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN3268 ONSEMI-FAN3268 Datasheet
1Mb / 17P
   2A Low-Voltage PMOS-NMOS Bridge Driver
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3268 FAIRCHILD-FAN3268_11 Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3278 FAIRCHILD-FAN3278 Datasheet
471Kb / 15P
   30V PMOS-NMOS Bridge Driver
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
logo
Intersil Corporation
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Intersil Corporation
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
   2A H-Bridge Driver
logo
ON Semiconductor
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
   2A H-Bridge Driver
December, 2001 - Rev. 5
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
   2A, HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com