Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN21SV06MPX Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN21SV06MPX
Description  TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN21SV06MPX Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN21SV06MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN21SV06MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN21SV06MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN21SV06MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN21SV06MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN21SV06MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN21SV06MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN21SV06MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN21SV06MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN21SV06 Rev. 1.0.1
3
Pin Configuration
Figure 3. MLP 5x6mm Pin Configuration (Bottom View)
Pad / Pin Definitions
Pad / Pin
Name
Description
P1, 6-12
SW
Switching Node
. Junction of high-side and low-side MOSFETs.
P2, 3-5
VIN
Power Input Voltage
. Supply voltage for the converter.
P3, 21-23
PGND
Power Ground
. Power return and Q2 source.
1
BOOT
High-Side Drive BOOT Voltage
. Connect through capacitor (CBOOT) to SW. The IC has an
internal synchronous bootstrap diode to recharge the capacitor on this pin to 5V.
2
VIN_Reg
Regulator Input Voltage.
Input voltage to the internal regulator. Connect to input voltage
>6.5V with 1µF bypass capacitor at the pin.
13
PGOOD
Power-Good
. An open-drain output that pulls LOW when the voltage on the FB pin is
outside the limits specified in the electrical specs. PGOOD does not assert HIGH until the
fault latch is enabled.
14
EN
ENABLE
. Enables operation when pulled to logic HIGH or left open. Toggling EN resets
the regulator after a latched-fault condition. This input has an internal pull-up. When a
latched fault occurs, EN is discharged by a current sink.
15
5V_Reg
5V Regulator Output
. Internal regulator output that provides power for the IC’s logic and
analog circuitry. This pin should be connected to AGND through a >2.2µf X5R/X7R
capacitor.
16
AGND
Analog Ground
. The signal ground for the IC. All internal control voltages are referred to
this pin. Tie this pin to the ground island/plane through the lowest impedance connection.
17
ILIM
Current Limit
. A resistor (RILIM) from this pin to AGND can be used to program the current-
limit trip threshold lower than the internal default setting.
18
RT
Oscillator Frequency and Master/Slave Set
. Connecting a resistor (RT) to AGND sets the
oscillator frequency and configures the CLK pin as an output (master). Tying this pin to
5V_Reg through a resistor configures the CLK signal as an input (slave) and establishes
the free-running oscillator frequency.
19
FB
Output Voltage Feedback
. Connect through a resistor divider to the output voltage.
20
COMP
Compensation
. Error amplifier output. Connect the external compensation network
between this pin and FB.
24
CLK
Clock
. Bi-directional signal pin, depending on master/slave configuration. When
configured as a master, this pin represents the clock output that connects directly to the
slave(s) for synchronizing with 180° phase shift.
25
RAMP
Ramp Amplitude
. A resistor (RRAMP) connected from this pin to VIN sets the internal ramp
amplitude and also provides voltage feedforward functionality.


Numéro de pièce similaire - FAN21SV06MPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN21SV06MPX FAIRCHILD-FAN21SV06MPX_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
More results

Description similaire - FAN21SV06MPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Fairchild Semiconductor
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
Texas Instruments
LM20136 TI-LM20136_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM20136 6A, Synchronous Buck Regulator with Input Synchronization
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com