Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN21SV04MPX Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FAN21SV04MPX
Description  TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN21SV04MPX Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FAN21SV04MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN21SV04MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN21SV04MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN21SV04MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN21SV04MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN21SV04MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN21SV04MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN21SV04MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN21SV04MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN21SV04 • Rev. 1.0.1
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Parameter
Conditions
Min.
Max.
Units
VIN, VIN_Reg to AGND
AGND=PGND
28
V
5V_Reg to AGND
AGND=PGND
6
V
BOOT to PGND
35
V
BOOT to SW
-0.5
6.0
V
Continuous
-0.5
24.0
SW to PGND
Transient (t < 20ns, f < 600KHz)
-5
30
V
All other pins
-0.3
6.0
V
Human Body Model,
JESD22-A114
1.5
ESD
Electrostatic Discharge
Protection Level
Charged Device Model,
JESD22-C101
2.5
kV
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
fSW
Switching Frequency
200
500
600
KHz
VIN to PGND
3.0
24.0
VIN,
VIN_Reg
Supply Voltage for Power and Bias
VIN_Reg to AGND
6.5
24.0
V
FAN21SV04MPX
-10
+85
TA
Ambient Temperature
FAN21SV04EMPX
-40
+85
°C
TJ
Junction Temperature
+125
°C
Thermal Information
Symbol
Parameter
Min.
Typ.
Max.
Units
TSTG
Storage Temperature
-65
+150
°C
TL
Lead Soldering Temperature, 30 Seconds
+300
°C
P1 (Q2)
4
P2 (Q1)
7
θ
JC
Thermal Resistance: Junction-to-Case
P3
4
°C/W
θ
J-PCB
Thermal Resistance: Junction-to-Mounting Surface
(1)
35
°C/W
PD
Total Power Dissipation in the package, TA=25°C
(1)
2.8
W
Note:
1.
Typical thermal resistance when mounted on a four-layer, two-ounce PCB, as shown in Figure 38. Actual results
are dependent upon mounting method and surface related to the design.


Numéro de pièce similaire - FAN21SV04MPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN21SV04MPX FAIRCHILD-FAN21SV04MPX_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
More results

Description similaire - FAN21SV04MPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com