Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB10B4L2 Fiches technique(PDF) 7 Page - Glenair, Inc.

No de pièce CB10B4L2
Description  Qualifi ed Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GLENAIR [Glenair, Inc.]
Site Internet  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

CB10B4L2 Fiches technique(HTML) 7 Page - Glenair, Inc.

Back Button CB10B4L2 Datasheet HTML 2Page - Glenair, Inc. CB10B4L2 Datasheet HTML 3Page - Glenair, Inc. CB10B4L2 Datasheet HTML 4Page - Glenair, Inc. CB10B4L2 Datasheet HTML 5Page - Glenair, Inc. CB10B4L2 Datasheet HTML 6Page - Glenair, Inc. CB10B4L2 Datasheet HTML 7Page - Glenair, Inc. CB10B4L2 Datasheet HTML 8Page - Glenair, Inc. CB10B4L2 Datasheet HTML 9Page - Glenair, Inc. CB10B4L2 Datasheet HTML 10Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 2008 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
35
E-Mail: sales@glenair.com
VG95351 and VG96934 Qualified Connectors
VG96934N10*L0
10 pin shrouded receptacle
with two piece shielded
aluminum backshell. 9
mm cable entry. Black zinc
plating. Add heat shrink boot
for water ingress protection.
Maximum weight 18 grams.
Key
Pos.
VG Part Number
Glenair Part no.
N
VG96934N10NL0
CB10N1L0
W
VG96934N10WL0
CB10N2L0
X
VG96934N10XL0
CB10N3L0
Y
VG96934N10YL0
CB10N4L0
Z
VG96934N10ZL0
CB10N5L0
Ø 22.5
MAX
A
B
C
D
E
F
G
H
J
Ø 16.0
12.8
MAX
33.0
MAX
VG96934M10*L0
10 pin shrouded receptacle
with two piece shielded
aluminum backshell. Black
zinc plating. Supplied with
two O-rings , EMI ground
ring and rubber bushing.
Maximum weight 30 grams.
Key
Pos.
VG Part Number
Glenair Part no.
N
VG96934M10NL0
CB10M1L0
W
VG96934M10WL0
CB10M2L0
X
VG96934M10XL0
CB10M3L0
Y
VG96934M10YL0
CB10M4L0
Z
VG96934M10ZL0
CB10M5L0
Ø 18.0
54.0
102.0
Ø 7
Ø 6
Ø 5
Ø 22.5
MAX
A
B
C
D
E
F
G
H
J
Material and Finish
O-Ring: Nitrile Rubber
Adapters and Ground Ring: Aluminum
Alloy, Black Zinc Cobalt Finish
Bushing: Neoprene Rubber
FRONT ADAPTER
REAR ADAPTER
O-RING
GROUND
RING
RUBBER BUSHING
WASHER
VG96934 STYLE N: IN-LINE RECEPTACLE WITH SHIELDED BACKSHELL
VG96934 STYLE M: SHROUDED RECEPTACLE WITH BACKSHELL AND BUSHING


Numéro de pièce similaire - CB10B4L2

FabricantNo de pièceFiches techniqueDescription
logo
Extech Instruments Corp...
CB10 EXTECH-CB10 Datasheet
240Kb / 1P
   AC Circuit Breaker Finder/Receptacle Tester
logo
Stackpole Electronics, ...
CB10 SEI-CB10 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Extech Instruments Corp...
CB10-KIT EXTECH-CB10-KIT Datasheet
487Kb / 1P
   Electrical Troubleshooting Kit
logo
SAMWHA ELECTRIC
CB1005GA100 SAMWHA-CB1005GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1005GA102 SAMWHA-CB1005GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

Description similaire - CB10B4L2

FabricantNo de pièceFiches techniqueDescription
logo
Glenair, Inc.
CB07A1L0 GLENAIR-CB07A1L0 Datasheet
298Kb / 3P
   Qualifi ed Connectors
VG96934 GLENAIR-VG96934 Datasheet
818Kb / 10P
   VG95351 and VG96934 Qualifi ed Connectors
logo
IRC - a TT electronics ...
RL50D1002F IRCTT-RL50D1002F Datasheet
100Kb / 2P
   Precision Mil-Qualifi ed Metal Glaze Resistor
logo
YUXIANG Magnetc materia...
ED28 YUXIANG-ED28 Datasheet
101Kb / 1P
   ED CORES
logo
Adels-Contact
115113 ADELS-115113 Datasheet
120Kb / 2P
   900 ED FR
logo
C&K Components
EDEDM CK-COMPONENTS-EDEDM Datasheet
139Kb / 2P
   ED & EDM Domes
logo
Lapp.
21700538 LAPP-21700538 Datasheet
139Kb / 1P
   ED-CAN-AX
17.09.2018
logo
PHOENIX CONTACT
1663637 PHOENIX-1663637 Datasheet
100Kb / 4P
   CK2,5-ED-4,00ST AG
1663417 PHOENIX-1663417 Datasheet
100Kb / 4P
   CK1,6-ED-0,75BU AG
1663446 PHOENIX-1663446 Datasheet
100Kb / 4P
   CK1,6-ED-2,50BU AG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com