Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF2815B Fiches technique(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No de pièce UF2815B
Description  RF Power MOSFET Transistor 15W, 100-500 MHz, 28V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

UF2815B Fiches technique(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  UF2815B Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. UF2815B Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. UF2815B Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
RF Power MOSFET Transistor
15W, 100-500 MHz, 28V
M/A-COM Products
Released - Ver 08.07
UF2815B
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
N-Channel enhancement mode device
DMOS structure
Lower capacitances for broadband operation
Common source configuration
Lower noise floor
RoHS Compliant
100 MHz to 500 MHz operation
ABSOLUTE MAXIMUM RATINGS AT 25° C
Parameter
Rating
Drain-Source Voltage
65
Gate-Source Voltage
20
Drain-Source Current
4.2
Power Dissipation
48.6
Junction Temperature
200
Storage Temperature
-55 to 150
Thermal Resistance
3.6
Symbol
VDS
VGS
IDS
PD
TJ
TSTG
θJC
Units
V
V
A
W
°C
°C
°C/W
ELECTRICAL CHARACTERISTICS AT 25°C
Parameter
Symbol
Min
Max
Units
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
65
-
V
VGS = 0.0 V , IDS = 6.0 mA
Drain-Source Leakage Current
IDSS
-
3.0
mA
VGS = 28.0 V , VGS = 0.0 V
Gate-Source Leakage Current
IGSS
-
3.0
µA
VGS = 20.0 V , VDS = 0.0 V
Gate Threshold Voltage
VGS(TH)
2.0
6.0
V
VDS = 10.0 V , IDS = 30.0 mA
Forward Transconductance
GM
.240
-
S
VDS = 10.0 V , IDS 300.0 mA , Δ VGS = 1.0V, 80 μs Pulse
Input Capacitance
CISS
-
21
pF
VDS = 28.0 V , F = 1.0 MHz
Output Capacitance
COSS
-
15
pF
VDS = 28.0 V , F = 1.0 MHz
Reverse Capacitance
CRSS
-
7.2
pF
VDS = 28.0 V , F = 1.0 MHz
Power Gain
GP
10
-
dB
VDD = 28.0 V, IDQ = 150.0 mA, POUT = 15.0 W F =500 MHz
Drain Efficiency
ŋD
50
-
%
VDD = 28.0 V, IDQ = 150.0 mA, POUT = 15.0 W F =500 MHz
Load Mismatch Tolerance
VSWR-T
-
20:1
-
VDD = 28.0 V, IDQ = 150.0 mA, POUT = 15.0 W F =500 MHz
F (MHz)
ZIN (Ω)
ZLOAD (Ω)
100
6.4-j25.0
22.0+j16.0
300
6.5-j12.0
15.0+j14.0
500
1.7-j10.5
8.0=j10.5
VDD=28V, IDQ=150 mA, POUT =15.0 W
TYPICAL DEVICE IMPEDANCES
ZIN is the series equivalent input impedance of the device
from gate to source.
ZLOAD is the optimum series equivalent load impedance
as measured from drain to ground.
Package Outline
LETTER
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
20.70
20.96
.815
.825
B
14.35
14.61
.565
.575
C
14.73
15.24
.580
.575
D
6.27
6.53
.247
.257
E
6.22
6.48
.245
.255
F
1.14
1.40
.045
.055
G
1.52
1.78
.060
.070
H
2.92
3.17
.115
.125
J
1.40
1.65
.055
.065
K
2.03
2.39
.080
.094
L
3.66
4.32
.144
.170
M
.10
.15
.004
.006


Numéro de pièce similaire - UF2815B

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
UF2815B MACOM-UF2815B Datasheet
203Kb / 3P
   RF MOSFET Power Transistor, 15W, 28V 100-500MHz
logo
M/A-COM Technology Solu...
UF2815B MA-COM-UF2815B Datasheet
211Kb / 3P
   RF Power MOSFET Transistor
UF2815B MA-COM-UF2815B_15 Datasheet
211Kb / 3P
   RF Power MOSFET Transistor
UF2815B MA-COM-UF2815B_17 Datasheet
638Kb / 4P
   RF Power MOSFET Transistor
More results

Description similaire - UF2815B

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
UF2805B MA-COM-UF2805B Datasheet
210Kb / 3P
   RF Power MOSFET Transistor 5W, 100-500 MHz, 28V
UF2820P MA-COM-UF2820P Datasheet
205Kb / 3P
   RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF2820R MA-COM-UF2820R Datasheet
221Kb / 3P
   RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF28100V MA-COM-UF28100V Datasheet
224Kb / 3P
   RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
   RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
logo
Tyco Electronics
UF28100H MACOM-UF28100H Datasheet
192Kb / 3P
   RF MOSFET Power Transistor, 100W, 28V 100 - 500 MHz
UF281OOV MACOM-UF281OOV Datasheet
214Kb / 3P
   RF MOSFET Power Transistor, IOOW, 28V 100 - 500 MHz
UF2840G MACOM-UF2840G Datasheet
197Kb / 3P
   RF MOSFET Power Transistor, 4OW, 28V 100 - 500 MHz
UF284OP MACOM-UF284OP Datasheet
209Kb / 3P
   RF MOSFET Power Transistor, 4OW, 28V 100 - 500 MHz
logo
M/A-COM Technology Solu...
UF2810P MA-COM-UF2810P Datasheet
218Kb / 2P
   RF Power MOSFET Transistor 10W, 100-500 MHz, 28V
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com