Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXL327 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADXL327
Description  Small, Low Power, 3-Axis 짹2 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXL327 Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADXL327 Datasheet HTML 2Page - Analog Devices ADXL327 Datasheet HTML 3Page - Analog Devices ADXL327 Datasheet HTML 4Page - Analog Devices ADXL327 Datasheet HTML 5Page - Analog Devices ADXL327 Datasheet HTML 6Page - Analog Devices ADXL327 Datasheet HTML 7Page - Analog Devices ADXL327 Datasheet HTML 8Page - Analog Devices ADXL327 Datasheet HTML 9Page - Analog Devices ADXL327 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADXL327
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all typical performance plots, unless otherwise noted.
0
10
20
30
40
50
60
1.45 1.46 1.47 1.48 1.49 1.50 1.51 1.52 1.53 1.54 1.55
OUTPUT (V)
Figure 3. X-Axis Zero g Bias at 25°C, VS = 3 V
1.45 1.46 1.47 1.48 1.49 1.50 1.51 1.52 1.53 1.54 1.55
0
10
20
30
40
OUTPUT (V)
Figure 4. Y-Axis Zero g Bias at 25°C, VS = 3 V
0
5
10
15
20
25
1.40 1.42 1.44 1.46 1.48 1.50 1.52 1.54 1.56 1.58 1.60
OUTPUT (V)
Figure 5. Z-Axis Zero g Bias at 25°C, VS = 3 V
0
10
20
30
40
50
–0.48
–0.46
–0.44
–0.42
–0.40
–0.38
–0.36
VOLTAGE (V)
Figure 6. X-Axis Self Test Response at 25°C, VS = 3 V
0
10
20
30
40
50
0.36 0.37 0.38 0.39 0.40 0.41 0.42 0.43 0.44 0.45 0.46 0.47 0.48
VOLTAGE (V)
Figure 7. Y-Axis Self Test Response at 25°C, VS = 3 V
VOLTAGE (V)
0
10
20
30
0.66
0.68
0.70
0.72
0.74
0.76
0.78
0.80
0.82
Figure 8. Z-Axis Self Test Response at 25°C, VS = 3 V


Numéro de pièce similaire - ADXL327

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320EB AD-ADXL320EB Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL AD-ADXL320JCP-REEL Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL7 AD-ADXL320JCP-REEL7 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP1 AD-ADXL320JCP1 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
More results

Description similaire - ADXL327

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
ADXL346 AD-ADXL346 Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com