Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1612 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADP1612
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1612 Fiches technique(HTML) 4 Page - Analog Devices

  ADP1612 Datasheet HTML 1Page - Analog Devices ADP1612 Datasheet HTML 2Page - Analog Devices ADP1612 Datasheet HTML 3Page - Analog Devices ADP1612 Datasheet HTML 4Page - Analog Devices ADP1612 Datasheet HTML 5Page - Analog Devices ADP1612 Datasheet HTML 6Page - Analog Devices ADP1612 Datasheet HTML 7Page - Analog Devices ADP1612 Datasheet HTML 8Page - Analog Devices ADP1612 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 4 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN, EN, FB to GND
−0.3 V to +6 V
FREQ to GND
−0.3 V to VIN + 0.3 V
COMP to GND
1.0 V to 1.6 V
SS to GND
−0.3 V to +1.3 V
SW to GND
21 V
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
ESD (Electrostatic Discharge)
Human Body Model
±5 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination.
THERMAL RESISTANCE
Junction-to-ambient thermal resistance (θJA) of the package is
specified for the worst-case conditions, that is, a device soldered
in a circuit board for surface-mount packages. The junction-to-
ambient thermal resistance is highly dependent on the application
and board layout. In applications where high maximum power
dissipation exists, attention to thermal board design is required.
The value of θJA may vary, depending on PCB material, layout,
and environmental conditions.
Table 3.
Package Type
θJA
θJC
Unit
8-Lead MSOP
2-Layer Board1
206.9
44.22
°C/W
4-Layer Board1
162.2
44.22
°C/W
1 Thermal numbers per JEDEC standard JESD 51-7.
BOUNDARY CONDITION
Modeled under natural convection cooling at 25°C ambient
temperature, JESD 51-7, and 1 W power input with 2- and
4-layer boards.
ESD CAUTION


Numéro de pièce similaire - ADP1612

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP161 AD-ADP161 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
ADP1610 AD-ADP1610 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
ADP1610ARMZ-R7 AD-ADP1610ARMZ-R7 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
ADP1610 AD-ADP1610_15 Datasheet
868Kb / 20P
   1.2 MHz DC-to-DC Step-Up Switching Converter
REV. A
More results

Description similaire - ADP1612

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP1614 AD-ADP1614 Datasheet
415Kb / 16P
   650 kHz/1.3 MHz, 4 A, Step-Up
REV. 0
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
logo
Torex Semiconductor
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC9106 TOREX-XC9106 Datasheet
109Kb / 8P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com