Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1491EBRZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADM1491EBRZ
Description  16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1491EBRZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADM1491EBRZ Datasheet HTML 3Page - Analog Devices ADM1491EBRZ Datasheet HTML 4Page - Analog Devices ADM1491EBRZ Datasheet HTML 5Page - Analog Devices ADM1491EBRZ Datasheet HTML 6Page - Analog Devices ADM1491EBRZ Datasheet HTML 7Page - Analog Devices ADM1491EBRZ Datasheet HTML 8Page - Analog Devices ADM1491EBRZ Datasheet HTML 9Page - Analog Devices ADM1491EBRZ Datasheet HTML 10Page - Analog Devices ADM1491EBRZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM1490E/ADM1491E
Rev. B | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 10. Output Current vs. Receiver Output Low Voltage
Figure 11. Output Current vs. Receiver Output High Voltage
Figure 12. Receiver Output High Voltage vs. Temperature (IOUT = 8 mA)
Figure 13. Receiver Output Low Voltage vs. Temperature (IOUT = 8 mA)
Figure 14. Output Current vs. Driver Differential Output Voltage
Figure 15. Driver Differential Output Voltage vs. Temperature (RL = 56.3 Ω)
OUTPUT VOLTAGE (V)
35
30
25
20
10
15
0
5
00.50
0.25
1.00
0.75
1.50
1.75
1.25
2.00
OUTPUT VOLTAGE (V)
0
–5
–10
–20
–15
–30
–25
3.50
3.75
4.25
4.00
4.50
4.75
5.00
TEMPERATURE (°C)
4.75
4.70
4.60
4.65
4.50
4.55
–50
–25
50
25
07
TEMPERATURE (°C)
0.50
0.45
0.25
0.40
0.35
0.30
0.15
0.20
–50
–25
50
25
075
85
OUTPUT VOLTAGE (V)
80
70
20
60
50
30
40
–10
0
10
00.5
2.5
2.0
1.5
1.0
3.5
3.0
4.0
4.5
5
85
TEMPERATURE (°C)
3.00
2.95
2.75
2.90
2.80
2.85
2.60
2.65
2.70
–50
25
0
–25
75
50
85


Numéro de pièce similaire - ADM1491EBRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1491EBRZ AD-ADM1491EBRZ Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
ADM1491EBRZ AD-ADM1491EBRZ Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
ADM1491EBRZ-REEL7 AD-ADM1491EBRZ-REEL7 Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
ADM1491EBRZ-REEL7 AD-ADM1491EBRZ-REEL7 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
More results

Description similaire - ADM1491EBRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1490E AD-ADM1490E_V01 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
ADM1491E AD-ADM1491E Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com