Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9573 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD9573
Description  PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9573 Fiches technique(HTML) 3 Page - Analog Devices

  AD9573 Datasheet HTML 1Page - Analog Devices AD9573 Datasheet HTML 2Page - Analog Devices AD9573 Datasheet HTML 3Page - Analog Devices AD9573 Datasheet HTML 4Page - Analog Devices AD9573 Datasheet HTML 5Page - Analog Devices AD9573 Datasheet HTML 6Page - Analog Devices AD9573 Datasheet HTML 7Page - Analog Devices AD9573 Datasheet HTML 8Page - Analog Devices AD9573 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD9573
Rev. 0 | Page 3 of 12
SPECIFICATIONS
Typical (typ) is given for VDD = 3.3 V ± 10%, TA = 25°C, unless otherwise noted. Minimum (min) and maximum (max) values are given
over full VDD and TA (−40°C to +85°C) variation.
PLL CHARACTERISTICS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
NOISE CHARACTERISTICS
PLL Noise (100 MHz Output)
@ 1 kHz
−121
dBc/Hz
@ 10 kHz
−128
dBc/Hz
@ 100 kHz
−131
dBc/Hz
@ 1 MHz
−144
dBc/Hz
@ 10 MHz
−150
dBc/Hz
@ 30 MHz
−151
dBc/Hz
PLL Noise (33.33 MHz Output)
@ 1 kHz
−131
dBc/Hz
@ 10 kHz
−137
dBc/Hz
@ 100 kHz
−140
dBc/Hz
@ 1 MHz
−150
dBc/Hz
@ 5 MHz
−151
dBc/Hz
Spurious Content
−70
dBc
PLL Figure of Merit
−217.5
dBc/Hz
CLOCK OUTPUT JITTER
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS OUTPUT ABSOLUTE TIME JITTER
RMS Jitter (100 MHz Output)
540
fsec
12 kHz to 20 MHz
CLOCK OUTPUTS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS CLOCK OUTPUT
Termination = 100 Ω differential
Output Frequency
100
MHz
Differential Output Voltage (VOD)
500
640
700
mV
Delta VOD
25
mV
Output Offset Voltage (VOS)
1.125
1.25
1.375
V
Delta VOS
25
mV
Short-Circuit Current (ISA, ISB)
14
24
mA
Output shorted to GND
Duty Cycle
45
55
%
LVCMOS CLOCK OUTPUT
Output Frequency
33.33
MHz
Output High Voltage (VOH)
VS − 0.1
V
Sourcing 1.0 mA current
Output Low Voltage (VOL)
0.1
V
Sinking 1.0 mA current
Duty Cycle
45
55
%


Numéro de pièce similaire - AD9573

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9571 AD-AD9571 Datasheet
367Kb / 20P
   Ethernet Clock Generator, 10 Clock Outputs
REV. 0
AD9572 AD-AD9572 Datasheet
421Kb / 20P
   Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572-EVALZ-LVD AD-AD9572-EVALZ-LVD Datasheet
421Kb / 20P
   Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572-EVALZ-PEC AD-AD9572-EVALZ-PEC Datasheet
421Kb / 20P
   Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572ACPZLVD AD-AD9572ACPZLVD Datasheet
421Kb / 20P
   Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
More results

Description similaire - AD9573

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY24293 CYPRESS-CY24293 Datasheet
459Kb / 10P
   Two Outputs PCI-Express Clock Generator
logo
Analog Devices
AD9572 AD-AD9572 Datasheet
421Kb / 20P
   Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
logo
Cypress Semiconductor
CY24292 CYPRESS-CY24292 Datasheet
231Kb / 20P
   Four Outputs PCI-Express Clock Generator
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Analog Devices
AD9510 AD-AD9510 Datasheet
597Kb / 60P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12