Moteur de recherche de fiches techniques de composants électroniques |
|
AD8278BRMZ Fiches technique(PDF) 6 Page - Analog Devices |
|
AD8278BRMZ Fiches technique(HTML) 6 Page - Analog Devices |
6 / 24 page AD8278 Rev. 0 | Page 6 of 24 VS = +2.7 V to <±5 V, VREF = midsupply, TA = 25°C, RL = 10 kΩ connected to midsupply, G = 2 difference amplifier configuration, unless otherwise noted. Table 5. Parameter Conditions G = 2 Unit Grade B Grade A Min Typ Max Min Typ Max INPUT CHARACTERISTICS System Offset1 150 300 150 500 μV vs. Temperature TA = −40°C to +85°C 300 500 μV Average Temperature Coefficient TA = −40°C to +85°C 0.6 2 3 5 μV/°C vs. Power Supply VS = ±5 V to ±18 V 5 10 μV/V Common-Mode Rejection Ratio (RTI) VS = 2.7 V, VCM = 0 V to 2.4 V, RS = 0 Ω 86 80 dB VS = ±5 V, VCM = −10 V to +7 V, RS = 0 Ω 86 80 dB Input Voltage Range2 −1.5(VS + 0.1) +1.5(VS − 1.5) −1.5(VS + 0.1) +1.5(VS − 1.5) V Impedance3 Differential 120 120 kΩ Common Mode 30 30 kΩ DYNAMIC PERFORMANCE Bandwidth 450 450 kHz Slew Rate 1.3 1.3 V/μs Settling Time to 0.01% 2 V step on output, CL = 100 pF, VS = 2.7 V 9 9 μs GAIN Gain Error 0.005 0.02 0.01 0.05 % Gain Drift TA = −40°C to +85°C 1 5 ppm/°C OUTPUT CHARACTERISTICS Output Swing4 RL = 10 kΩ, TA = −40°C to +85°C −VS + 0.1 +VS − 0.15 −VS + 0.1 +VS − 0.15 V Short-Circuit Current Limit ±10 ±10 mA Capacitive Load Drive 200 200 pF NOISE5 Output Voltage Noise f = 0.1 Hz to 10 Hz 2.8 2.8 μV p-p f = 1 kHz 94 100 94 100 nV/√Hz POWER SUPPLY Supply Current6 TA = −40°C to +85°C 200 220 μA Operating Voltage Range 2.0 36 2.0 36 V TEMPERATURE RANGE Operating Range −40 +125 −40 +125 °C 1 Includes input bias and offset current errors, RTO (referred to output). 2 The input voltage range may also be limited by absolute maximum input voltage or by the output swing. See the section in the section for details. Input Voltage Range Theory of Operation 3 Internal resistors are trimmed to be ratio matched and have ±20% absolute accuracy. 4 Output voltage swing varies with supply voltage and temperature. See Figur through for details. e 20 Figure 23 5 Includes amplifier voltage and current noise, as well as noise from internal resistors. 6 Supply current varies with supply voltage and temperature. See Figure and for details. 25 Figure 26 |
Numéro de pièce similaire - AD8278BRMZ |
|
Description similaire - AD8278BRMZ |