Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD-E326RD Fiches technique(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

No de pièce BD-E326RD
Description  super red chips, which are made from AlGaAs on GaAs substrate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Site Internet  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-E326RD Fiches technique(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

  BD-E326RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-E326RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-E326RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BD-E326RD Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--E
E3
32
26
6R
RD
D
F
Fo
orr ::
Ver.1.0 Page 4 of 4
SINCE 1981
Bin Limits
1. Intensity Bin Limits (At IF= 10mA)
Bin Code
Min. (mcd)
Max. (mcd)
N
4.500
6.070
P
5.840
7.890
Q
7.600
10.260
Bin: x
Int ensity bin code
佰鴻工業股份有限公司
http://www.brtled.com


Numéro de pièce similaire - BD-E326RD

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BD-E326RD ETC-BD-E326RD Datasheet
195Kb / 2P
   DUAL DIGIT LED DISPLAYS
More results

Description similaire - BD-E326RD

FabricantNo de pièceFiches techniqueDescription
logo
BRIGHT LED ELECTRONICS ...
BD-E406RD BRIGHT-BD-E406RD Datasheet
174Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BA-4S7UW-A BRIGHT-BA-4S7UW-A Datasheet
180Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BA-8D6UW BRIGHT-BA-8D6UW Datasheet
153Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BD-A50DRD BRIGHT-BD-A50DRD Datasheet
170Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate.
BD-E54DRD BRIGHT-BD-E54DRD Datasheet
247Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-A546RD BRIGHT-BD-A546RD Datasheet
250Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-C516RD BRIGHT-BD-C516RD Datasheet
208Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-E30DRD BRIGHT-BD-E30DRD Datasheet
273Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-E546RD BRIGHT-BD-E546RD Datasheet
184Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BA-2S10UW BRIGHT-BA-2S10UW Datasheet
160Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com