Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD-C404NE-A Fiches technique(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

No de pièce BD-C404NE-A
Description  hi-eff red chips, which are made from GaAsP on GaP substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Site Internet  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-C404NE-A Fiches technique(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BD-C404NE-A Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-C404NE-A Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-C404NE-A Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--C
C4
40
04
4N
NE
E--A
A
Ver.1.0 Page 1 of 3
SINCE 1981
Package Dimensions :
2.54x7=17.78(.700)
16.00(.630)
0.50(.020)
7.1±0.5(.279±020)
5.90(.232)
10.20(.402)
PIN 1.
20.10(.791)
8
7.0(.276)
12.7(.500)
1.3(.051)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
0.40 inch (10.16mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Direct drive common cathode.
Description :
1.
The BD-C404NE-A is a 10.16mm(0.40")
high dual digit seven segments display.
2.
This product use hi-eff red chips, which
are made from GaAsP on GaP substrate.
3.
This product have a black face and red
segments
4.
This product doesn't contain restriction
substance, comply ROHS standard.
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


Numéro de pièce similaire - BD-C404NE-A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BD-C404NE-A ETC-BD-C404NE-A Datasheet
195Kb / 2P
   DUAL DIGIT LED DISPLAYS
More results

Description similaire - BD-C404NE-A

FabricantNo de pièceFiches techniqueDescription
logo
BRIGHT LED ELECTRONICS ...
BD-A514RE BRIGHT-BD-A514RE Datasheet
265Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-C304ND BRIGHT-BD-C304ND Datasheet
239Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E304RD BRIGHT-BD-E304RD Datasheet
212Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E544RE BRIGHT-BD-E544RE Datasheet
192Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BA-2E2UW BRIGHT-BA-2E2UW Datasheet
213Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
BA-3E12UW BRIGHT-BA-3E12UW Datasheet
179Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E524RD BRIGHT-BD-E524RD Datasheet
227Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BA-10E1UD BRIGHT-BA-10E1UD Datasheet
201Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
BD-E324RD BRIGHT-BD-E324RD Datasheet
287Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BA-8E9UW BRIGHT-BA-8E9UW Datasheet
226Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-F304RD BRIGHT-BD-F304RD Datasheet
243Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com