Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD-C403ND Fiches technique(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

No de pièce BD-C403ND
Description  yellow chips, which are made from GaAsP on GaP substrate.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Site Internet  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-C403ND Fiches technique(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BD-C403ND Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-C403ND Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-C403ND Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--C
C4
40
03
3N
ND
D
Ver.1.0 Page 1 of 3
SINCE 1981
Package Dimensions :
5.90(.232)
10.16(.400)
PIN 1.
20.20(.795)
10
6.9(.272)
16.00(.630)
1.3(.051)
0.50(.020)
2.54x7=17.78(.700)
12.7(.500)
4.7±0.5(.185±020)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
0.40 inch (10.16mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Direct drive common cathode.
Description :
1.
The BD-C403ND is a 10.16mm(0.40")
high dual digit seven segments display.
2.
This product use yellow chips, which
are made from GaAsP on GaP substrate.
3.
This product have a black face and
white segments.
4. This product doesn't contain restriction
substance, comply ROHS standard.
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


Numéro de pièce similaire - BD-C403ND

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BD-C403ND ETC-BD-C403ND Datasheet
195Kb / 2P
   DUAL DIGIT LED DISPLAYS
BD-C403ND-A ETC-BD-C403ND-A Datasheet
195Kb / 2P
   DUAL DIGIT LED DISPLAYS
More results

Description similaire - BD-C403ND

FabricantNo de pièceFiches techniqueDescription
logo
BRIGHT LED ELECTRONICS ...
BA-8Y6UW BRIGHT-BA-8Y6UW Datasheet
195Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BA-3Y12UW BRIGHT-BA-3Y12UW Datasheet
150Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BL-B6Y120-3P BRIGHT-BL-B6Y120-3P Datasheet
159Kb / 2P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-E283RD BRIGHT-BD-E283RD Datasheet
182Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-A543RD BRIGHT-BD-A543RD Datasheet
250Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BA-12Y3UD BRIGHT-BA-12Y3UD Datasheet
163Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BA-10Y1UD BRIGHT-BA-10Y1UD Datasheet
192Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-F523RD BRIGHT-BD-F523RD Datasheet
183Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-A403ND BRIGHT-BD-A403ND Datasheet
181Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-E323RD BRIGHT-BD-E323RD Datasheet
254Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com