Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA303 Fiches technique(PDF) 5 Page - Cirrus Logic

No de pièce SA303
Description  3 Phase Switching Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA303 Fiches technique(HTML) 5 Page - Cirrus Logic

  SA303 Datasheet HTML 1Page - Cirrus Logic SA303 Datasheet HTML 2Page - Cirrus Logic SA303 Datasheet HTML 3Page - Cirrus Logic SA303 Datasheet HTML 4Page - Cirrus Logic SA303 Datasheet HTML 5Page - Cirrus Logic SA303 Datasheet HTML 6Page - Cirrus Logic SA303 Datasheet HTML 7Page - Cirrus Logic SA303 Datasheet HTML 8Page - Cirrus Logic SA303 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SA303
SA303U

P r o d u c t I n n o v a t i o n F r o m
FIgURE3.ExTERNALCONNECTIONS
TABLE.PINDESCRIPTIONS
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
OUT C
NC
PGND C
PGND C
PGND C
HS
HS
NC
Cb
NC
Ct
NC
NC
V
S A
V
S A
V
S A
NC
HS
HS
TEMP
NC
DIS2
NC
Ia
Pin#
PinName
SignalType
Simplified Pin Description
29,30,31
V
S (phase A)
Power
High Voltage Supply (8.5-60V) supplies phase A only
51,52,53
OUT C
Power Output
Half bridge C Power Output
55,56,57
PGND (phase C)
Power
High Current GND Return Path for Power Output C
3
SC
Logic Output
Indication of a short of an output to supply, GND or another phase
61
Cb
Logic Input
Logic high commands C phase lower FET to turn on
63
Ct
Logic Input
Logic high commands C phase upper FET to turn on
1
Ic
Analog Output
Phase C current sense output
5
Ib
Analog Output
Phase B current sense output
7
I
LIM/DIS1
Logic Input/Output
As an output, logic high indicates cycle-by-cycle current limit, and
logic low indicates normal operation. As an input, logic high places
all outputs in a high impedance state and logic low disables the
cycle-by-cycle current limit function.


Numéro de pièce similaire - SA303

FabricantNo de pièceFiches techniqueDescription
logo
Microdiode Electronics ...
SA30 CHENDA-SA30 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA30 PANJIT-SA30 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA30 FCI-SA30 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA30 TSC-SA30 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Chongqing Pingwei Enter...
SA30 CHONGQING-SA30 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - SA303

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
SA306 CIRRUS-SA306 Datasheet
885Kb / 14P
   3 Phase Switching Amplifier
logo
Tyco Electronics
P31 MACOM-P31 Datasheet
359Kb / 2P
   3 phase and single phase switching
logo
DAICO Industries, Inc.
DP0877 DAICO-DP0877 Datasheet
36Kb / 1P
   3 Section Phase Shifter / Amplifier/ Switch
logo
Linear Technology
LTC3731 LINER-LTC3731 Datasheet
326Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H_15 Datasheet
437Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731 LINER-LTC3731_15 Datasheet
380Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
logo
Analog Devices
HMC-C079 AD-HMC-C079 Datasheet
1,003Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 3 - 8 GHz
logo
Semikron International
DBI15 SEMIKRON-DBI15 Datasheet
248Kb / 3P
   3~phase
SKDI26 SEMIKRON-SKDI26 Datasheet
261Kb / 3P
   3~phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com