Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUH150 Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce BUH150
Description  POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUH150 Fiches technique(HTML) 2 Page - Motorola, Inc

  BUH150 Datasheet HTML 1Page - Motorola, Inc BUH150 Datasheet HTML 2Page - Motorola, Inc BUH150 Datasheet HTML 3Page - Motorola, Inc BUH150 Datasheet HTML 4Page - Motorola, Inc BUH150 Datasheet HTML 5Page - Motorola, Inc BUH150 Datasheet HTML 6Page - Motorola, Inc BUH150 Datasheet HTML 7Page - Motorola, Inc BUH150 Datasheet HTML 8Page - Motorola, Inc BUH150 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BUH150
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage
(IC = 100 mA, L = 25 mH)
VCEO(sus)
400
460
Vdc
Collector–Base Breakdown Voltage
(ICBO = 1 mA)
VCBO
700
860
Vdc
Emitter–Base Breakdown Voltage
(IEBO = 1 mA)
VEBO
10
12.3
Vdc
Collector Cutoff Current
(VCE = Rated VCEO, IB = 0)
ICEO
100
µAdc
Collector Cutoff Current
(VCE = Rated VCES, VEB = 0)
@ TC = 25°C
@ TC = 125°C
ICES
100
1000
µAdc
Collector Base Current
(VCB = Rated VCBO, VEB = 0)
@ TC = 25°C
@ TC = 125°C
ICBO
100
1000
µAdc
Emitter–Cutoff Current
(VEB = 9 Vdc, IC = 0)
IEBO
100
µAdc
ON CHARACTERISTICS
Base–Emitter Saturation Voltage
(IC = 10 Adc, IB = 2 Adc)
VBE(sat)
1
1.25
Vdc
Collector–Emitter Saturation Voltage
(IC = 2 Adc, IB = 0.4 Adc)
@ TC = 25°C
@ TC = 125°C
VCE(sat)
0.16
0.15
0.4
0.4
Vdc
(IC = 10 Adc, IB = 2 Adc)
@ TC = 25°C
0.45
1
Vdc
(IC = 20 Adc, IB = 4 Adc)
@ TC = 25°C
2
5
Vdc
DC Current Gain (IC = 20 Adc, VCE = 5 Vdc)
@ TC = 25°C
@ TC = 125°C
hFE
4
2.5
7
4.5
DC Current Gain (IC = 10 Adc, VCE = 5 Vdc)
@ TC = 25°C
@ TC = 125°C
8
6
12
10
DC Current Gain (IC = 2 Adc, VCE = 1 Vdc)
@ TC = 25°C
@ TC = 125°C
12
14
20
22
DC Current Gain (IC = 100 mAdc, VCE = 5 Vdc)
@ TC = 25°C
10
20
DYNAMIC SATURATION VOLTAGE
Dynamic Saturation
Voltage:
Determined 3
µs after
rising IB1 reaches
90% of final IB1
(see Figure 19)
IC = 5 Adc, IB1 = 1 Adc
VCC = 300 V
@ TC = 25°C
VCE(dsat)
1.5
V
Voltage:
Determined 3
µs after
rising IB1 reaches
90% of final IB1
(see Figure 19)
IC = 5 Adc, IB1 = 1 Adc
VCC = 300 V
@ TC = 125°C
2.8
V
µs after
rising IB1 reaches
90% of final IB1
(see Figure 19)
IC = 10 Adc, IB1 = 2 Adc
VCC = 300 V
@ TC = 25°C
2.4
V
90% of final IB1
(see Figure 19)
IC = 10 Adc, IB1 = 2 Adc
VCC = 300 V
@ TC = 125°C
5
V
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth
(IC = 1 Adc, VCE = 10 Vdc, f = 1 MHz)
fT
23
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1 MHz)
Cob
100
150
pF
Input Capacitance
(VEB = 8 Vdc, f = 1 MHz)
Cib
1300
1750
pF


Numéro de pièce similaire - BUH150

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BUH150 ONSEMI-BUH150 Datasheet
462Kb / 10P
   POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
BUH150G ONSEMI-BUH150G Datasheet
243Kb / 10P
   SWITCHMODE NPN Silicon Planar Power Transistor
April, 2010 ??Rev. 5
More results

Description similaire - BUH150

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BUH150 ONSEMI-BUH150 Datasheet
462Kb / 10P
   POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
BUL42D ONSEMI-BUL42D Datasheet
176Kb / 12P
   4 AMPERES 700 VOLTS 75 WATTS POWER TRANSISTOR
April, 2002 ??Rev. 1
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
logo
Motorola, Inc
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUL44 MOTOROLA-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
logo
Motorola, Inc
BUL146 MOTOROLA-BUL146 Datasheet
389Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUL44 ONSEMI-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
logo
Motorola, Inc
BUL147 MOTOROLA-BUL147 Datasheet
376Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
BUL45 MOTOROLA-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com