Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX9867 Fiches technique(PDF) 24 Page - Maxim Integrated Products

No de pièce MAX9867
Description  Ultra-Low Power Stereo Audio Codec
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9867 Fiches technique(HTML) 24 Page - Maxim Integrated Products

Back Button MAX9867 Datasheet HTML 20Page - Maxim Integrated Products MAX9867 Datasheet HTML 21Page - Maxim Integrated Products MAX9867 Datasheet HTML 22Page - Maxim Integrated Products MAX9867 Datasheet HTML 23Page - Maxim Integrated Products MAX9867 Datasheet HTML 24Page - Maxim Integrated Products MAX9867 Datasheet HTML 25Page - Maxim Integrated Products MAX9867 Datasheet HTML 26Page - Maxim Integrated Products MAX9867 Datasheet HTML 27Page - Maxim Integrated Products MAX9867 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Hardware Interrupts
Hardware interrupts are reported on the open-drain IRQ
pin. When an interrupt occurs, IRQ remains low until the
interrupt is serviced by reading the status register 0x00.
If a flag is set, it is reported as a hardware interrupt only
if the corresponding interrupt enable is set. Each bit
enables interrupts for the status flag in the respective
bit location in register 0x00. See Table 3.
SDODLY is used to control the SDOUT timing. See the
Digital Audio Interface section for a detailed description.
Clock Control
The MAX9867 can work with a master clock (MCLK)
supplied from any system clock within the 10MHz-to-
60MHz range. Internally, the MAX9867 requires a
10MHz-to-20MHz clock. A prescaler divides MCLK by
1, 2, or 4 to create the internal clock (PCLK). PCLK is
used to clock all portions of the MAX9867. See Table 4.
The MAX9867 is capable of supporting any sample rate
from 8kHz to 48kHz, including all common sample rates
(8kHz, 16kHz, 24kHz, 32kHz, 44.1kHz, and 48kHz). To
accommodate a wide range of system architectures,
the MAX9867 supports three main clocking modes:
• Normal: This mode uses a 15-bit clock divider coeffi-
cient to set the sample rate relative to the prescaled
MCLK input (PCLK). This allows high flexibility in both
the MCLK and LRCLK frequencies and can be used
in either master or slave mode.
• Exact Integer: In both master and slave mode, com-
mon MCLK frequencies (12MHz, 13MHz, 16MHz,
and 19.2MHz) can be programmed to operate in
exact integer mode for both 8kHz and 16kHz sample
rates. In these modes, the MCLK and LRCLK rates
are selected by using the FREQ bits instead of the NI
and PLL control bits.
• PLL: When operating in slave mode, a PLL can be
enabled to lock onto externally generated LRCLK
signals that are not integer related to PCLK. Prior to
enabling the interface, program NI to the nearest
desired ratio and set the NI[0] = 1 to enable the
PLL’s rapid lock mode. If NI[0] = 0, then NI is ignored
and PLL lock time is slower.
Ultra-Low Power Stereo Audio Codec
24
______________________________________________________________________________________
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER
ADDRESS
Interrupt Enable
ICLD
ISLD
IULK
0
0
SDODLY
IJDET
0
0x04
Table 3. Interrupt Registers
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER
System Clock
0
0
PSCLK
FREQ
0x05
Stereo Audio Clock
Control High
PLL
NI[14:8]
0x06
Stereo Audio Clock
Control Low
NI[7:1]
NI[0]
0x07
Table 4. Clock Control Registers
BITS
FUNCTION
PSCLK
MCLK Prescaler
Divides MCLK to generate a PCLK between 10MHz and 20MHz.
00 = Disable clock for low-power shutdown.
01 = Select if MCLK is between 10MHz and 20MHz.
10 = Select if MCLK is between 20MHz and 40MHz.
11 = Select if MCLK is between 40MHz and 60MHz.


Numéro de pièce similaire - MAX9867

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
MAX9867 MAXIM-MAX9867 Datasheet
983Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 2; 6/10
MAX9867 MAXIM-MAX9867 Datasheet
1Mb / 24P
   Isolation Header for Direct Communication with the MAX9867 I2C and Digital Audio Interfaces
Rev 1; 7/16
MAX9867ETJ++ MAXIM-MAX9867ETJ+ Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
MAX9867ETJ++ MAXIM-MAX9867ETJ+ Datasheet
983Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 2; 6/10
More results

Description similaire - MAX9867

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
   Ultra-Low Power Stereo Audio Codec
2021
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
   Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
logo
Texas Instruments
TLV320AIC3204 TI1-TLV320AIC3204_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_10 Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
963Kb / 42P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com