Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMB060N40BA Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KMB060N40BA
Description  N-Ch Trench MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB060N40BA Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KMB060N40BA Datasheet HTML 1Page - KEC(Korea Electronics) KMB060N40BA Datasheet HTML 2Page - KEC(Korea Electronics) KMB060N40BA Datasheet HTML 3Page - KEC(Korea Electronics) KMB060N40BA Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2009. 1. 14
1/4
SEMICONDUCTOR
TECHNICAL DATA
KMB060N40BA
N-Ch Trench MOSFET
Revision No : 0
General Description
This Trench MOSFET has better characteristics, such as fast switching
time, low on resistance, low gate charge and excellent avalanche
characteristics. It is mainly suitable for Back-light Inverter and power
Supply.
FEATURES
VDSS=40V, ID=60A.
Low Drain to Source ON Resistance.
: RDS(ON)=8.5m (Max.) @ VGS=10V
: RDS(ON)=11m (Max.) @ VGS=4.5V
Super High Dense Cell Design.
High Power and Current Handling Capability.
MAXIMUM RATING (Ta=25
Unless otherwise Noted)
PIN CONNECTION (TOP VIEW)
GS
D
1
2
3
1
2
3
D
2PAK
DIM MILLIMETERS
A
B
C
D
F
G
Q
R
H
J
K
L
L
E
M
N
O
P
Q
R
B
E
D
J
G
H
A
F
P
K
9.95
0.05
+
_
9.2 0.1
+
_
8.00
15.3 0.2
+
_
4.9 0.2
+
_
0.80
0.05
+
_
2.54
0.05
+
_
2.4
0.1
+
_
1.27 0.10
+
_
4.50
1.30
6.90
1.75
4.40
2.0 MIN
+
_
0.1
0.15
0.05
C
O
M
N
1.5
Φ
Marking
Type Name
Lot No
060N40
BA
KMB
Note 1) RthJC means that the infinite heat sink is mounted.
Note 2) Surface Mounted on 1″ 1″Pad of 2 oz copper.
Note 3) L=42.5 H, IAS=60A, VDD=20V, VGS=10V, Starting Tj=25
CHARACTERISTIC
SYMBOL
N-Ch
UNIT
Drain to Source Voltage
VDSS
40
V
Gate to Source Voltage
VGSS
20
V
Drain Current
DC@TC=25
(Note1)
ID
60
A
Pulsed
(Note2)
IDP
100
Drain to Source Diode Forward Current
IS
100
A
Single Pulsed Avalanche Energy
(Note3)
EAS
153
mJ
Drain Power Dissipation
@TC=25
(Note1)
PD
69
W
@Ta=25
(Note2)
3.1
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
Thermal Resistance, Junction to Case
(Note1)
RthJC
1.8
/W
Thermal Resistance, Junction to Ambient
(Note2)
RthJA
40
/W


Numéro de pièce similaire - KMB060N40BA

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KMB060N60PA KEC-KMB060N60PA Datasheet
482Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KMB060N60PA KEC-KMB060N60PA Datasheet
79Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KMB060N60PA KEC-KMB060N60PA_08 Datasheet
79Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Description similaire - KMB060N40BA

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
KU048N03D KEC-KU048N03D Datasheet
70Kb / 4P
   N-Ch Trench MOSFET
KMB2D0N60SA KEC-KMB2D0N60SA_08 Datasheet
86Kb / 5P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA Datasheet
78Kb / 4P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com