Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KF10N60F Fiches technique(PDF) 4 Page - KEC(Korea Electronics)

No de pièce KF10N60F
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF10N60F Fiches technique(HTML) 4 Page - KEC(Korea Electronics)

  KF10N60F Datasheet HTML 1Page - KEC(Korea Electronics) KF10N60F Datasheet HTML 2Page - KEC(Korea Electronics) KF10N60F Datasheet HTML 3Page - KEC(Korea Electronics) KF10N60F Datasheet HTML 4Page - KEC(Korea Electronics) KF10N60F Datasheet HTML 5Page - KEC(Korea Electronics) KF10N60F Datasheet HTML 6Page - KEC(Korea Electronics) KF10N60F Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2008. 11. 12
4/7
KF10N60PR/FR
Revision No : 0
Gate - Charge Qg (nC)
Drain - Source Voltage VDS (V)
0
12
10
6
2
4
8
35
40
15
5
25
20
30
10
0
Fig8. Qg- VGS
Fig9. Safe Operation Area
101
102
101
102
103
104
10
1
10-1
100
10
0
10
2
10
2
10
3
Drain - Source Voltage VDS (V)
Fig10. Safe Operation Area
0
10
2
6
14
8
4
12
75
150
125
50
100
25
(KF10N60P)
(KF10N60F)
ID=10A
C
Junction Temperature Tj ( )
Fig11. ID - Tj
Operation in this
area is limited by RDS(ON)
VDS = 480V
VDS = 300V
VDS = 120V
Tc= 25
Tj = 150
Single pulse
C
C
DC
10ms
1ms
100
µs
100ms
Fig 7. C - VDS
Drain - Source Voltage VDS (V)
010
203040
Crss
Coss
Ciss
101
102
10
1
10-1
100
10
0
10
2
10
2
10
3
Operation in this
area is limited by RDS(ON)
Tc= 25
Tj = 150
Single pulse
C
C
DC
10ms
1ms
100
µs
100ms


Numéro de pièce similaire - KF10N60F

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KF10N60F KEC-KF10N60F Datasheet
419Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N60F KEC-KF10N60F Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N60FR KEC-KF10N60FR Datasheet
83Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Description similaire - KF10N60F

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com