Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL104FUR500E Fiches technique(PDF) 2 Page - Ohmite Mfg. Co.

No de pièce TL104FUR500E
Description  Modular Heat Sinkable Thick Film Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OHMITE [Ohmite Mfg. Co.]
Site Internet  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TL104FUR500E Fiches technique(HTML) 2 Page - Ohmite Mfg. Co.

  TL104FUR500E Datasheet HTML 1Page - Ohmite Mfg. Co. TL104FUR500E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
64
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
65
TL Series
Modular Heat Sinkable Thick Film Power
M A X I M U M A N D N O M I N A L P O W E R R A T I N G S F O R U L T R A P O W E R A N D S T A N D A R D P O W E R R E S I S T O R S
T L 5 4
T L 7 1
T L 8 8
T L 1 0 4
T L 1 2 2
Heat sink temp,
°C
0
20
40
60
80
100
120
140
160
100
0
TL104
Ultra Power
Standard Power
Nominal Ultra Power
Nominal Standard Power
150
200
250
50
Heat sink temp,
°C
0
20
40
60
80
100
120
140
160
40
0
20
30
10
TL54
Ultra Power
Standard Power
Nominal Ultra Power
Nominal Standard Power
Heat sink temp,
°C
0
20
40
60
80
100
120
140
160
120
0
80
100
20
TL71
Ultra Power
Standard Power
Nominal Ultra Power
Nominal Standard Power
60
40
Heat sink temp,
°C
0
20
40
60
80
100
120
140
160
100
0
TL122
Ultra Power
Standard Power
Nominal Ultra Power
Nominal Standard Power
150
200
300
50
250
Heat sink temp,
°C
0
20
40
60
80
100
120
140
160
120
0
80
100
20
TL88
Ultra Power
Standard Power
Nominal Ultra Power
Nominal Standard Power
60
40
140
160
180
Subscribe to our
New Product Bulletin at
ohmite.com


Numéro de pièce similaire - TL104FUR500E

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
TL104 OHMITE-TL104 Datasheet
341Kb / 2P
   Modular Heat Sinkable Thick Film Power
logo
Transko Electronics, In...
TL10405AV TRANSKO-TL10405AV Datasheet
598Kb / 4P
   104.0 MHz IF SAW Filter / 5.60 MHz Bandwidth
Revision 0: 06 Mar. 2008
More results

Description similaire - TL104FUR500E

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
TL-SERIES OHMITE-TL-SERIES Datasheet
341Kb / 2P
   Modular Heat Sinkable Thick Film Power
TAP800 OHMITE-TAP800 Datasheet
379Kb / 2P
   800 Watt Heat Sinkable Planar
TAP600K2R0 OHMITE-TAP600K2R0 Datasheet
332Kb / 2P
   600 Watt Heat Sinkable Planar
TAP800J5R0E OHMITE-TAP800J5R0E Datasheet
105Kb / 1P
   800 Watt Heat Sinkable Planar
TAP600 OHMITE-TAP600 Datasheet
370Kb / 2P
   600 Watt Heat Sinkable Planar
TAP600J5R0E OHMITE-TAP600J5R0E Datasheet
100Kb / 1P
   600 Watt Heat Sinkable Planar
TA1K0PH2R50KE OHMITE-TA1K0PH2R50KE Datasheet
102Kb / 1P
   1000 Watt Heat Sinkable Planar
logo
TE Connectivity Ltd
1773308 TEC-1773308 Datasheet
563Kb / 2P
   Thick Film Power Resistors
logo
List of Unclassifed Man...
FCR10 ETC2-FCR10 Datasheet
778Kb / 2P
   Thick Film Power Resistors
FPA1002R2J ETC2-FPA1002R2J Datasheet
362Kb / 2P
   Thick Film Power Resistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com