Moteur de recherche de fiches techniques de composants électroniques |
|
TCA1D157K8R Fiches technique(PDF) 8 Page - Rohm |
|
TCA1D157K8R Fiches technique(HTML) 8 Page - Rohm |
8 / 12 page TC Series A Case Tantalum capacitors Rev.D 8/11 Recommended condition of reflow soldering ( ) Leakage current-to-voltage ratio 0.01 0.1 1 0 20406080 100 % OF RATED VOLTAGE ( VR) Fig.1 (2) Derating voltage as function of temperature 50 60 70 80 90 100 75 85 95 105 115 125 Fig.2 TEMPERATURE ( C) Rated Voltage 4 6.3 10 16 20 5 8 13 20 26 2.5 4 6.3 10 13 3.2 5 8 13 16 25 32 16 20 Surge Voltage Category Voltage Surge Voltage (V.DC) (V.DC) (V.DC) (V.DC) 85 C 125 C (3) Reliability The malfunction rate of tantalum solid state electrolytic capacitors varies considerably depending on the conditions of usage (ambient temperature, applied voltage, circuit resistance). Formula for calculating malfunction rate p = b ( E SR Q CV ) p : Malfunction rate stemming from operation b : Basic malfunction rate E : Environmental factors SR : Series resistance Q : Level of malfunction rate CV : Capacitance For details on how to calculate the malfunction rate stemming from operation, see the tantalum solid state electrolytic capacitors column in MIL-HDBK-217. |
Numéro de pièce similaire - TCA1D157K8R |
|
Description similaire - TCA1D157K8R |