Moteur de recherche de fiches techniques de composants électroniques |
|
TCA1E156K8R Fiches technique(PDF) 2 Page - Rohm |
|
TCA1E156K8R Fiches technique(HTML) 2 Page - Rohm |
2 / 12 page TC Series A Case Tantalum capacitors Rev.D 2/11 Rated table ( μF) Rated voltage (V) 4 0G 1 (105) A 1.5 (155) A 2.2 (225) A 3.3 (335) A A A A A A A A A 4.7 (475) A 6.8 (685) A A A A A 10 (106) A A A A A A A A A AA A A 15 (156) A 22 (226) A A A A 33 (336) 47 (476) 68 (686) 100 (107) 150 (157) A A A A 6.3 0J 10 1A 16 1C 20 1D 25 1E Remark) Case size codes (A) in the above show products line-up. ∗ Under development A A A ∗ A A ∗ A ∗ indicates new product Marking j a The indications listed below should be given on the surface of a capacitor. (1) Polarity : The polarity should be shown by bar. (on the anode side) (2) Rated DC voltage : Due to the small size of A case, a voltage code is used as shown below. (3) Visual typical example (1) voltage code (2) capacitance code Voltage Code Rated DC Voltage (V) g j A C D E 4 6.3 10 16 20 25 Capacitance Code Nominal Capacitance ( μF) A E J N S W a e j n 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 s47 w68 100 [A case] note 1) note 2) voltage code and capacitance code are variable with parts number − (1) j − (2) a a |
Numéro de pièce similaire - TCA1E156K8R |
|
Description similaire - TCA1E156K8R |