Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU2152FV-E2 Fiches technique(PDF) 11 Page - Rohm

No de pièce BU2152FV-E2
Description  Serial / Parallel 4-input Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU2152FV-E2 Fiches technique(HTML) 11 Page - Rohm

Back Button BU2152FV-E2 Datasheet HTML 7Page - Rohm BU2152FV-E2 Datasheet HTML 8Page - Rohm BU2152FV-E2 Datasheet HTML 9Page - Rohm BU2152FV-E2 Datasheet HTML 10Page - Rohm BU2152FV-E2 Datasheet HTML 11Page - Rohm BU2152FV-E2 Datasheet HTML 12Page - Rohm BU2152FV-E2 Datasheet HTML 13Page - Rohm BU2152FV-E2 Datasheet HTML 14Page - Rohm BU2152FV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
Technical Note
11/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BU2092F/BU2092FV】
Switching Time Test Waveforms
Fig. 6
CLOCK
DATA
tSU
90%
10%
90%
90%
tH
90%
90%
10%
90%
10%
tW
tW
50%
LCK
50%
90%
10%
tS
90%
tW(CLK)
50%
50%
OE
Qx
tPLZ(LCK)
tPZL(LCK)
10%
50%
10%
tPLZ
50%
tPZL
VDD
GND (VSS)
VDD
GND (VSS)
VDD
GND (VSS)
VDD
GND (VSS)
VDD
GND (VSS)


Numéro de pièce similaire - BU2152FV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2152FV-E2 ROHM-BU2152FV-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results

Description similaire - BU2152FV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
logo
Micrel Semiconductor
MIC5800 MICREL-MIC5800 Datasheet
114Kb / 6P
   4/8-Bit Parallel-Input Latched Drivers
MIC5800 MICREL-MIC5800_15 Datasheet
560Kb / 11P
   4/8-Bit Parallel-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com