Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDH45-271K Fiches technique(PDF) 3 Page - PREMO CORPORATION S.L

No de pièce CDH45-271K
Description  SMD Power Inductors Unshielded
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PREMO [PREMO CORPORATION S.L]
Site Internet  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CDH45-271K Fiches technique(HTML) 3 Page - PREMO CORPORATION S.L

  CDH45-271K Datasheet HTML 1Page - PREMO CORPORATION S.L CDH45-271K Datasheet HTML 2Page - PREMO CORPORATION S.L CDH45-271K Datasheet HTML 3Page - PREMO CORPORATION S.L CDH45-271K Datasheet HTML 4Page - PREMO CORPORATION S.L CDH45-271K Datasheet HTML 5Page - PREMO CORPORATION S.L CDH45-271K Datasheet HTML 6Page - PREMO CORPORATION S.L CDH45-271K Datasheet HTML 7Page - PREMO CORPORATION S.L CDH45-271K Datasheet HTML 8Page - PREMO CORPORATION S.L CDH45-271K Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CDH3216 , CDH32 , CDH3225 ,
CDH3226 , CDH45 , CDH45A &
CDH45B
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
3
CDH32 (1µH – 560µH)
DWG No.
Inductance
(
µH)
Test Freq.
L
(MHz)
SRF
(MHz)
min.
RDC
(
Ω)
max.
IDC
(mA)
max.
CDH32 – 1R0M
1.0±20%
1
100.0
0.50
445
CDH32 – 1R2M
1.2±20%
1
100.0
0.60
425
CDH32 – 1R5M
1.5±20%
1
75.0
0.60
400
CDH32 – 1R8M
1.8±20%
1
60.0
0.70
390
CDH32 – 2R2M
2.2±20%
1
50.0
0.80
370
CDH32 – 2R7M
2.7±20%
1
43.0
0.90
320
CDH32 – 3R3M
3.3±20%
1
38.0
1.00
300
CDH32 – 3R9M
3.9±20%
1
35.0
1.10
290
CDH32 – 4R7M
4.7±20%
1
31.0
1.20
270
CDH32 – 5R6M
5.6±20%
1
28.0
1.30
250
CDH32 – 6R8M
6.8±20%
1
25.0
1.50
240
CDH32 – 8R2M
8.2±20%
1
23.0
1.60
225
CDH32 – 100K
10.0±10%
1
20.0
1.80
190
CDH32 – 120K
12.0±10%
1
18.0
2.00
180
CDH32 – 150K
15.0±10%
1
16.0
2.20
170
CDH32 – 180K
18.0±10%
1
15.0
2.50
165
CDH32 – 220K
22.0±10%
1
14.0
2.80
150
CDH32 – 270K
27.0±10%
1
13.0
3.10
125
CDH32 – 330K
33.0±10%
1
12.0
3.50
115
CDH32 – 390K
39.0±10%
1
11.0
3.90
110
CDH32 – 470K
47.0±10%
1
11.0
4.30
100
CDH32 – 560K
56.0±10%
1
10.0
4.90
85
CDH32 – 680K
68.0±10%
1
9.0
5.50
80
CDH32 – 820K
82.0±10%
1
8.5
6.20
70
CDH32 – 101K
100.0±10%
1
8.0
7.00
80
CDH32 – 121K
120.0±10%
1
7.5
8.00
75
CDH32 – 151K
150.0±10%
1
7.0
9.30
70
CDH32 – 181K
180.0±10%
1
6.0
10.20
65
CDH32 – 221K
220.0±10%
1
5.5
11.80
65
CDH32 – 271K
270.0±10%
1
5.0
12.50
65
CDH32 – 331K
330.0±10%
1
5.0
13.00
65
CDH32 – 391K
390.0±10%
1
5.0
22.00
50
CDH32 – 471K
470.0±10%
0.001
5.0
25.00
45
CDH32 – 561K
560.0±10%
0.001
5.0
28.00
40


Numéro de pièce similaire - CDH45-271K

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH40D11 SUMIDA-CDH40D11 Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-100M SUMIDA-CDH40D11SMBNP-100M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-120M SUMIDA-CDH40D11SMBNP-120M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-150M SUMIDA-CDH40D11SMBNP-150M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-180M SUMIDA-CDH40D11SMBNP-180M Datasheet
140Kb / 2P
   Power Inductors
More results

Description similaire - CDH45-271K

FabricantNo de pièceFiches techniqueDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com