Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF423 Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce BF423
Description  High Voltage Transistors(PNP)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BF423 Fiches technique(HTML) 2 Page - Motorola, Inc

  BF423 Datasheet HTML 1Page - Motorola, Inc BF423 Datasheet HTML 2Page - Motorola, Inc BF423 Datasheet HTML 3Page - Motorola, Inc BF423 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BF421 BF423
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = –25 mA, VCE = –20 Vdc)
BF421
BF423
hFE
50
50
Collector – Emitter Saturation Voltage
(IC = –20 mAdc, IB = –2.0 mAdc)
VCE(sat)
–0.5
Vdc
Base – Emitter Saturation Voltage
(IC = –20 mA, IB = –2.0 mA)
VBE(sat)
–2.0
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = –10 mAdc, VCE = –10 Vdc, f = 20 MHz)
fT
60
MHz
Common Emitter Feedback Capacitance
(VCB = –30 Vdc, IE = 0, f = 1.0 MHz)
Cre
2.8
pF


Numéro de pièce similaire - BF423

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BF423 ONSEMI-BF423 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
BF423 ONSEMI-BF423 Datasheet
110Kb / 4P
   High Voltage Transistors
July, 2010 ??Rev. 5
logo
NXP Semiconductors
BF423 PHILIPS-BF423 Datasheet
62Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
logo
SHENZHEN YONGERJIA INDU...
BF423 WINNERJOIN-BF423 Datasheet
125Kb / 1P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BF423 SIEMENS-BF423 Datasheet
124Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
More results

Description similaire - BF423

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
MMBT5401 WEITRON-MMBT5401 Datasheet
291Kb / 5P
   High Voltage PNP Transistors
logo
NXP Semiconductors
BF423L PHILIPS-BF423L Datasheet
50Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
BF621_623 PHILIPS-BF621_623_15 Datasheet
132Kb / 10P
   PNP high-voltage transistors
2004 Dec 14
logo
Weitron Technology
MPSA92 WEITRON-MPSA92 Datasheet
169Kb / 4P
   High-Voltage PNP Transistors
logo
Diotec Semiconductor
MPSA92 DIOTEC-MPSA92_18 Datasheet
146Kb / 2P
   High Voltage PNP Transistors
logo
NXP Semiconductors
BF821 PHILIPS-BF821 Datasheet
41Kb / 8P
   PNP high-voltage transistors
1999 Apr 15
logo
Weitron Technology
MPSA94 WEITRON-MPSA94 Datasheet
1Mb / 4P
   High-Voltage PNP Transistors
logo
Guangdong Kexin Industr...
BF821 KEXIN-BF821 Datasheet
37Kb / 1P
   PNP High-Voltage Transistors
logo
NXP Semiconductors
BF870 PHILIPS-BF870 Datasheet
43Kb / 5P
   PNP high-voltage transistors
1996 Dec 09
BF821 NXP-BF821 Datasheet
105Kb / 6P
   PNP high-voltage transistors
2004 Jan 16
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com