Moteur de recherche de fiches techniques de composants électroniques |
|
TL807 Fiches technique(PDF) 1 Page - Extech Instruments Corporation. |
|
TL807 Fiches technique(HTML) 1 Page - Extech Instruments Corporation. |
|
1 / 1 page Ordering Information: TL806 ..........Extra Large Alligator Clips TL807 ..........Insulated Alligator Clips TL807C ........Insulated Alligator Clips Specifications subject to change without notice. Copyright © 2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form. www.extech.com 4/25/08 - R1 Features: • TL806 — Extra large, double insulated, CAT III-1000V alligator clips mate with banana plug patch cords. Jaw opens up to 0.8" (20mm) with sharp teeth for piercing insulated wire. Complies with IEC1010 standard. • TL807 — Insulated Alligator clips with insulated rubber boot, push onto your test leads, CAT III-1000V. Order TL807C to fit TL803 test leads. Choose the size of alligator clips For added convenience to your test leads Alligator Clips |
Numéro de pièce similaire - TL807 |
|
Description similaire - TL807 |