Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP624 Fiches technique(PDF) 2 Page - ISOCOM COMPONENTS

No de pièce TLP624
Description  LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISOCOM [ISOCOM COMPONENTS]
Site Internet  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TLP624 Fiches technique(HTML) 2 Page - ISOCOM COMPONENTS

  TLP624 Datasheet HTML 1Page - ISOCOM COMPONENTS TLP624 Datasheet HTML 2Page - ISOCOM COMPONENTS TLP624 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92188m-AAS/A1
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.0
1.15
1.3
V
I
F = 10mA
Reverse Voltage (V
R)
5
V
I
R = 10µA
Reverse Current (I
R)
10
µA
V
R = 5V
Output
Collector-emitter Breakdown (BV
CEO)
55
V
I
C = 0.5mA
( Note 2 )
Emitter-collector Breakdown (BV
ECO)
6
V
I
E = 100µA
Collector-emitter Dark Current (I
CEO)
100
nA
V
CE = 24V
Coupled
Current Transfer Ratio (CTR) (Note 2)
TLP624,TLP624-2,TLP624-4
100
1200 %
1mA I
F , 0.5V VCE
50
%
0.5mA I
F , 1.5V VCE
Collector-emitter Saturation VoltageV
CE (SAT)
0.4
V
1mA I
F , 0.5mA IC
0.2
V
1mA I
F , 1mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
V
IO = 500V (note 1)
Rise Time
tr
8
µs
V
CC = 10V ,
Fall Time
tf
8
µs
I
C = 2mA, RL = 100Ω
Turn-on Time
ton
10
µs
Turn-off Time
toff
8
µs
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
7/12/00
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 125°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs)
260°C
INPUT DIODE
Forward Current
50mA
Reverse Voltage
5V
Power Dissipation
70mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
55V
Emitter-collector Voltage BV
ECO
6V
Power Dissipation
150mW
POWER DISSIPATION
Total Power Dissipation
200mW
(derate linearly 2.67mW/°C above 25°C)


Numéro de pièce similaire - TLP624

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TLP624 ETC-TLP624 Datasheet
63Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP624 TOSHIBA-TLP624 Datasheet
210Kb / 8P
   Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP624 TOSHIBA-TLP624 Datasheet
210Kb / 8P
   Programmable Controllers AC/DC?묲nput Module Telecommunication
logo
List of Unclassifed Man...
TLP624-2 ETC-TLP624-2 Datasheet
63Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Description similaire - TLP624

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH615A-2XSMT-R ISOCOM-SFH615A-2XSMT-R Datasheet
126Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
SFH617G-1X ETC-SFH617G-1X Datasheet
49Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH617A-1 ISOCOM-SFH617A-1_08 Datasheet
69Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617G-1X ISOCOM-SFH617G-1X Datasheet
260Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-2X ISOCOM-SFH615A-2X Datasheet
126Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-2XSM ISOCOM-SFH617A-2XSM Datasheet
69Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-4X ISOCOM-SFH615A-4X Datasheet
126Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-4XSM ISOCOM-SFH615A-4XSM Datasheet
126Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com