Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1895 Fiches technique(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce 2SD1895
Description  Silicon NPN Darlington Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SD1895 Fiches technique(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SD1895 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1895 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1895 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Darlington Power Transistors
2SD1895
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO
Collector-emitter voltage
IC=30mA ; IB=0
140
V
VCEsat
Collector-emitter saturation voltage
IC=7A ;IB=7mA
2.5
V
VBEsat
Emitter-base saturation voltage
IC=7A ;IB=7mA
3.0
V
ICBO
Collector cut-off current
VCB=160V; IE=0
100
μA
ICEO
Collector cut-off current
VCE=140V; IB=0
100
μA
IEBO
Emitter cut-off current
VEB=5V; IC=0
100
μA
hFE-1
DC current gain
IC=1A ; VCE=5V
2000
hFE -2
DC current gain
IC=7A ; VCE=5V
5000
30000
fT
Transition frequency
IC=0.5A ; VCE=10V;f=1MHz
20
MHz
Switching times
ton
Turn-on time
2.0
μs
tstg
Storage time
6.0
μs
tf
Fall time
IC=7A; VCC=50V
IB1=-IB2=7mA
1.2
μs
hFE-2 classifications
Q
P
5000-15000
8000-30000


Numéro de pièce similaire - 2SD1895

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1895 PANASONIC-2SD1895 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SD1895 PANASONIC-2SD1895 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
logo
Savantic, Inc.
2SD1895 SAVANTIC-2SD1895 Datasheet
124Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD1895 ISC-2SD1895 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SD1895 SAVANTIC-2SD1895 Datasheet
125Kb / 3P
   Silicon NPN Darlington Power Transistors
More results

Description similaire - 2SD1895

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com