Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2875NG4 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2875NG4
Description  Phase Shift Resonant Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2875NG4 Fiches technique(HTML) 4 Page - Texas Instruments

  UC2875NG4 Datasheet HTML 1Page - Texas Instruments UC2875NG4 Datasheet HTML 2Page - Texas Instruments UC2875NG4 Datasheet HTML 3Page - Texas Instruments UC2875NG4 Datasheet HTML 4Page - Texas Instruments UC2875NG4 Datasheet HTML 5Page - Texas Instruments UC2875NG4 Datasheet HTML 6Page - Texas Instruments UC2875NG4 Datasheet HTML 7Page - Texas Instruments UC2875NG4 Datasheet HTML 8Page - Texas Instruments UC2875NG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
UC1875/6/7/8
UC2875/6/7/8
UC3875/6/7/8
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, –55°C < TA < 125°C for the UC1875/6/7/8, –25°C < TA <
85°C for the UC2875/6/7/8 and 0°C < TA < 70°C for the UC3875/6/7/8, VC = VIN = 12V, RFREQSET = 12kΩ,CFREQSET = 330pF,
RSLOPE = 12kΩ,CRAMP = 200pF, CDELAYSET A-B =CDELAYSET C-D = 0.01µF, IDELAYSET A-B =IDELAYSET C-D = –500µA, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier
Offset Voltage
515
mV
Input Bias Current
0.6
3
µA
AVOL
1V < VE/AOUT <4V
60
90
dB
CMRR
1.5V < VCM < 5.5V
75
95
dB
PSRR
11V < VIN < 20V
85
100
dB
Output Sink Current
VE/AOUT = 1V
1
2.5
mA
Output Source Current
VE/AOUT = 4V
–1.3
–0.5
mA
Output Voltage High
IE/AOUT = –0.5mA
4
4.7
5
V
Output Voltage Low
IE/AOUT = 1mA
0
0.5
1
V
Unity Gain BW
(Note 8)
7
11
MHz
Slew Rate
(Note 8)
6
11
V/
µsec
PWM Comparator
Ramp Offset Voltage
TJ = 25°C (Note 3)
1.3
V
Zero Phase Shift Voltage
(Note 4)
0.55
0.9
V
PWM Phase Shift (Note1) and (Note 7)
VE/AOUT > (Ramp Peak + Ramp Offset)
98
99.5
102
%
VE/AOUT < Zero Phase Shift Voltage
0
0.5
2
%
Output Skew (Note 1) and (Note 7)
VE/AOUT < 1V
5
±20
nsec
Ramp to Output Delay, (Note 8)
UC3875/6/7/8 (Note 6)
65
100
nsec
UC1875/6/7/8, UC2875/6/7/8 (Note 6)
65
125
nsec
Oscillator
Initial Accuracy
TJ = 25°C
0.85
1
1.15
MHz
Voltage Stability
11V < VIN < 20V
0.2
2
%
Total Variation
Line, Temperature
0.80
1.20
MHz
Sync Pin Threshold
TJ = 25°C
3.8
V
Clock Out Peak
TJ = 25°C
4.3
V
Clock Out Low
TJ = 25°C
3.3
V
Clock Out Pulse Width
RCLOCKSYNC = 3.9kΩ
30
100
nsec
Maximum Frequency, (Note 7)
RFREQSET =5kΩ
2
MHz
Ramp Generator/Slope Compensation
Ramp Current, Minimum
ISLOPE =10µA, VFREQSET = VREF
–11
–14
µA
Ramp Current, Maximum
ISLOPE = 1mA, VFREQSET = VREF
–0.8
–0.95
mA
Ramp Valley
0V
Ramp Peak - Clamping Level
RFREQSET = 100kΩ
3.8
4.1
V
Current Limit
Input Bias
VCS+=3V
2
5
µA
Threshold Voltage
2.4
2.5
2.6
V
Delay to Output, (Note 8)
UC3875/6/7/8
85
125
nsec
UC1875/6/7/8, UC2875/6/7/8
85
150
nsec


Numéro de pièce similaire - UC2875NG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2875NG4 TI1-UC2875NG4 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
More results

Description similaire - UC2875NG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com